công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM6441...ALV bảng dữ liệu(PDF) 110 Page - Texas Instruments

tên linh kiện AM6441...ALV
Giải thích chi tiết về linh kiện  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM6441...ALV bảng dữ liệu(HTML) 110 Page - Texas Instruments

Back Button AM6441...ALV Datasheet HTML 106Page - Texas Instruments AM6441...ALV Datasheet HTML 107Page - Texas Instruments AM6441...ALV Datasheet HTML 108Page - Texas Instruments AM6441...ALV Datasheet HTML 109Page - Texas Instruments AM6441...ALV Datasheet HTML 110Page - Texas Instruments AM6441...ALV Datasheet HTML 111Page - Texas Instruments AM6441...ALV Datasheet HTML 112Page - Texas Instruments AM6441...ALV Datasheet HTML 113Page - Texas Instruments AM6441...ALV Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 244 page
background image
7.9 Thermal Resistance Characteristics
This section provides the thermal resistance characteristics used on this device.
For reliability and operability concerns, the maximum junction temperature of the device has to be at or below
the TJ value identified in Recommended Operating Conditions.
7.9.1 Thermal Resistance Characteristics
Table 7-2. ALV Package Thermal Resistance Characteristics
It is recommended to perform thermal simulations at the system level with the worst case device power consumption.
NO.
PARAMETER
DESCRIPTION
°C/W(1) (3)
AIR FLOW
(m/s)(2)
ALV Package
T1
RΘJC
Junction-to-case
0.98
N/A
T2
RΘJB
Junction-to-board
3.87
N/A
T3
RΘJA
Junction-to-free air
12.8
0
T4
RΘJA
Junction-to-moving air
9.2
1
T5
8.2
2
T6
7.6
3
T7
ΨJT
Junction-to-package top
0.53
0
T8
0.55
1
T9
0.57
2
T10
0.58
3
T11
ΨJB
Junction-to-board
3.74
0
T12
3.5
1
T13
3.4
2
T14
3.3
3
(1)
These values are based on a JEDEC defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on
a JEDEC defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-6, Integrated Circuit Thermal Test Method Environmental Conditions - Forced Convection (Moving Air)
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
(2)
m/s = meters per second.
(3)
°C/W = degrees Celsius per watt.
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
www.ti.com
110
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More