công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM6441...ALV bảng dữ liệu(PDF) 75 Page - Texas Instruments

tên linh kiện AM6441...ALV
Giải thích chi tiết về linh kiện  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM6441...ALV bảng dữ liệu(HTML) 75 Page - Texas Instruments

Back Button AM6441...ALV Datasheet HTML 71Page - Texas Instruments AM6441...ALV Datasheet HTML 72Page - Texas Instruments AM6441...ALV Datasheet HTML 73Page - Texas Instruments AM6441...ALV Datasheet HTML 74Page - Texas Instruments AM6441...ALV Datasheet HTML 75Page - Texas Instruments AM6441...ALV Datasheet HTML 76Page - Texas Instruments AM6441...ALV Datasheet HTML 77Page - Texas Instruments AM6441...ALV Datasheet HTML 78Page - Texas Instruments AM6441...ALV Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 244 page
background image
Table 6-38. GPMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
GPMC0_BE0n_CLE
O
GPMC Lower-Byte Enable (active low) or Command
Latch Enable
P17
GPMC0_BE1n
O
GPMC Upper-Byte Enable (active low)
T19
GPMC0_BE2n
O
GPMC Upper-Byte Enable (active low)
V9
GPMC0_BE3n
O
GPMC Upper-Byte Enable (active low)
AA14
GPMC0_CSn0
O
GPMC Chip Select 0 (active low)
R19
GPMC0_CSn1
O
GPMC Chip Select 1 (active low)
R20
GPMC0_CSn2
O
GPMC Chip Select 2 (active low)
P19
GPMC0_CSn3
O
GPMC Chip Select 3 (active low)
R21
GPMC0_WAIT0
I
GPMC External Indication of Wait
W19
GPMC0_WAIT1
I
GPMC External Indication of Wait
Y18
(1)
The RXACTIVE bit of the CTRLMMR_PADCONFIG32 register must be set to 0x1 and the TX_DIS bit of the
CTRLMMR_PADCONFIG32 register must be reset to 0x0 when GPMC0 is operating in synchronous mode.
6.3.12 I2C
6.3.12.1 MAIN Domain
Table 6-39. I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
I2C0_SCL
IOD
I2C Clock
A18
I2C0_SDA
IOD
I2C Data
B18
Table 6-40. I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
I2C1_SCL
IOD
I2C Clock
C18
I2C1_SDA
IOD
I2C Data
B19
Table 6-41. I2C2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
I2C2_SCL
IOD
I2C Clock
C13, P19
I2C2_SDA
IOD
I2C Data
D14, R21
Table 6-42. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
I2C3_SCL
IOD
I2C Clock
C17
I2C3_SDA
IOD
I2C Data
D17
6.3.12.2 MCU Domain
Table 6-43. MCU_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
E9
MCU_I2C0_SDA
IOD
I2C Data
A10
Table 6-44. MCU_I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALV PIN [4]
MCU_I2C1_SCL
IOD
I2C Clock
A11
MCU_I2C1_SDA
IOD
I2C Data
B10
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com