công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RZ/G bảng dữ liệu(PDF) 48 Page - Renesas Technology Corp

tên linh kiện RZ/G
Giải thích chi tiết về linh kiện  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G bảng dữ liệu(HTML) 48 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 44Page - Renesas Technology Corp RZ/G Datasheet HTML 45Page - Renesas Technology Corp RZ/G Datasheet HTML 46Page - Renesas Technology Corp RZ/G Datasheet HTML 47Page - Renesas Technology Corp RZ/G Datasheet HTML 48Page - Renesas Technology Corp RZ/G Datasheet HTML 49Page - Renesas Technology Corp RZ/G Datasheet HTML 50Page - Renesas Technology Corp RZ/G Datasheet HTML 51Page - Renesas Technology Corp RZ/G Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 48 of 83
Jul 28, 2022
2.5
ADC Interface
Figure 2.6 shows a block diagram of the ADC interface.
When the RZ/Five is used, the pin location is different from the RZ/G2UL, so option resistors are required.
The 6-pin connector is implemented on this board and 2ch input channels can be used as the analog signal.
NOTE
ADC_TRG is only available when SD0 is used for eMMC memory (not when microSD card is used).
Figure 2.6
Block Diagram of ADC I/F
RZ/G2UL, RZ/A3UL, RZ/Five
RZ/A3UL SMARC Module Board
OCTAL Edition
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83