| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/G bảng dữ liệu(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/G bảng dữ liệu(HTML) 40 Page - Renesas Technology Corp |
|
40 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 40 of 83 Jul 28, 2022 Table 2.2 List of Pin Function Selection Used on Each Module Board (16/18) Pin Location Pin Name RZ/G2UL Pin Function RZ/A3UL Pin Function RZ/Five Pin Function Description SMARC Pin No. SMARC Pin Name AC6 VSS VSS VSS VSS GND — — AC7 VSS VSS VSS VSS GND — — AD4 VSS VSS VSS VSS GND — — AD7 VSS VSS VSS VSS GND — — AE4 VSS VSS VSS VSS GND — — AE7 VSS VSS VSS VSS GND — — Y9 VSS VSS VSS VSS GND — — AE6 USB0_DM USB0_DM USB0_DM USB0_DM Carrier Board Connector, connected to microUSB Type-AB connector (CN11) P61 USB0_DM AD6 USB0_DP USB0_DP USB0_DP USB0_DP Carrier Board Connector, connected to microUSB Type-AB connector (CN11) P60 USB0_DP AD8 USB0_VBUSIN USB0_VBUSIN USB0_VBUSIN USB0_VBUSIN Carrier Board Connector, connected to microUSB Type-AB connector (CN11) P63 USB0_VBUS _DET AE5 USB1_DM USB1_DM USB1_DM USB1_DM Carrier Board Connector, connected to USB Type-A connector (CN12) P66 USB1_DM AD5 USB1_DP USB1_DP USB1_DP USB1_DP Carrier Board Connector, connected to USB Type-A connector (CN12) P65 USB1_DP K10 VDD VDD VDD VDD 1.1V — — K12 VDD VDD VDD VDD 1.1V — — K14 VDD VDD VDD VDD 1.1V — — K16 VDD VDD VDD VDD 1.1V — — L11 VDD VDD VDD VDD 1.1V — — L13 VDD VDD VDD VDD 1.1V — — L15 VDD VDD VDD VDD 1.1V — — M10 VDD VDD VDD VDD 1.1V — — M12 VDD VDD VDD VDD 1.1V — — M14 VDD VDD VDD VDD 1.1V — — M16 VDD VDD VDD VDD 1.1V — — N11 VDD VDD VDD VDD 1.1V — — N13 VDD VDD VDD VDD 1.1V — — N15 VDD VDD VDD VDD 1.1V — — P10 VDD VDD VDD VDD 1.1V — — P12 VDD VDD VDD VDD 1.1V — — P14 VDD VDD VDD VDD 1.1V — — P16 VDD VDD VDD VDD 1.1V — — R11 VDD VDD VDD VDD 1.1V — — R13 VDD VDD VDD VDD 1.1V — — R15 VDD VDD VDD VDD 1.1V — — T10 VDD VDD VDD VDD 1.1V — — T12 VDD VDD VDD VDD 1.1V — — T14 VDD VDD VDD VDD 1.1V — — T16 VDD VDD VDD VDD 1.1V — — A1 VSS VSS VSS VSS GND — — A25 VSS VSS VSS VSS GND — — |