| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/FIVE bảng dữ liệu(PDF) 75 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/FIVE bảng dữ liệu(HTML) 75 Page - Renesas Technology Corp |
|
75 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 5. Appendix R01UH0990EJ0101 Rev.1.01 Page 75 of 83 Jul 28, 2022 5. Appendix 5.1 Type Name and Features of Each Board This section describes the the type name and feature of each board here. The SMARC Module Board is as follows. This picture is of the RTK9743U11C01000BE. Figure 5.1 Top View of the SMARC Module Board The SMARC Module Boards with RZ/G2UL, RZ/A3UL and RZ/Five are used common PCB layout and designed to be pin-compatible and available for use. Please refer to the section 2 “Functional Specifications” onwards for the actual functions of the board. Board Name Type Name MPU Memory Configuration Parallel to HDMI Conversion Board RZ/G2UL SMARC Module Board RTK9743U11C01000BE RZ/G2UL (R9A07G043U11GBG) QSPI flash memory DDR4 SDRAM Included RZ/Five SMARC Module Board RTK9743F01C01000BE RZ/Five (R9A07G043F01GBG) QSPI flash memory DDR4 SDRAM Not Included RZ/A3UL SMARC Module Board QSPI Edition RTK9763U02C01000BE RZ/A3UL (R9A07G063U02GBG) QSPI flash memory DDR4 SDRAM Included RZ/A3UL SMARC Module Board OCTAL Edition RTK9763U02C01001BE RZ/A3UL (R9A07G063U02GBG) Octa RAM memory Octa Flash memory DDR4 SDRAM Included |