| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RZ/FIVE bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/FIVE bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp |
|
34 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 34 of 83 Jul 28, 2022 Table 2.2 List of Pin Function Selection Used on Each Module Board (10/18) Pin Location Pin Name RZ/G2UL Pin Function RZ/A3UL Pin Function RZ/Five Pin Function Description SMARC Pin No. SMARC Pin Name A21 P18_5/IRQ7/ RSPI0_SSL/ SCI0_CTS#/ RTS#/ USB1_OVRCUR/ SCI1_RXD/ SCIF4_TXD IRQ7 IRQ7 IRQ7 Ethernet PHY_1 (KSZ9131RNXC), used as an intrupt signal — — N3 P3_0/ET0_RXC/ RX_CLK/ SSI1_BCK/ POE0#/MTIOC0A ET0_RXC/ RX_CLK/ SSI1_BCK ET0_RXC/ RX_CLK/ SSI1_BCK ET0_RXC/ RX_CLK/ SSI1_BCK Ethernet PHY_0 (KSZ9131RNXC) Carrier Board Connector, connected to Audio Codec (IC2) S42 I2S0_CK P2 P3_2/ET0_RXD0/ SSI1_TXD/ POE8#/MTIOC0C ET0_RXD0/ SSI1_TXD ET0_RXD0/ SSI1_TXD ET0_RXD0/ SSI1_TXD Ethernet PHY_0 (KSZ9131RNXC) Carrier Board Connector, connected to Audio Codec (IC2) S40 I2S0_ SDOUT R3 P3_3/ET0_RXD1/ SSI1_RXD/ POE10#/ MTIOC0D ET0_RXD1/ SSI1_RXD ET0_RXD1/ SSI1_RXD ET0_RXD1/ SSI1_RXD Ethernet PHY_0 (KSZ9131RNXC) Carrier Board Connector, connected to Audio Codec (IC2) S41 I2S0_SDIN R2 P4_0/ET0_RXD2/ RRRSPI2_CK/ MTIOC8A/ MTIOC2A/ USB1_VBUSEN ET0_RXD2/ RSPI1_CK ET0_RXD2/ RSPI1_CK ET0_RXD2/ RSPI1_CK Ethernet PHY_0 (KSZ9131RNXC) Carrier Board Connector, connected to PMOD0 connector (J1) P56 SPI1_CK R1 P4_1/ET0_RXD3/ RSPI1_MOSI/ MTIOC8B/ MTIOC2B/ USB1_OVRCUR ET0_RXD3/ RSPI1_MOSI ET0_RXD3/ RSPI1_MOSI ET0_RXD3/ RSPI1_MOSI Ethernet PHY_0 (KSZ9131RNXC) Carrier Board Connector, connected to PMOD0 connector (J1) P58 SPI1_DO M3 P2_2/ET0_TX_ COL/SSI0_TXD/ CAN1_TX_ DATARATE_EN/ MTCLKC/ SCI0_TXD/ RSPI0_MOSI ET0_TX_COL ET0_TX_COL ET0_TX_COL Unused — — M6 P2_3/ET0_TX_ CRS/SSI0_RXD/ CAN1_RX_ DATARATE_EN/ MTCLKD/ SCI0_RXD/ RSPI0_MISO ET0_TX_CRS ET0_TX_CRS ET0_TX_CRS Unused — — M1 P1_1/ ET0_TX_CTL/ TX_EN/ RSPI0_MOSI/ CAN0_TX/ MTIOC1B ET0_TX_CTL/ TX_EN/CAN0_ TX ET0_TX_CTL/ TX_EN/CAN0_ TX ET0_TX_CTL/ TX_EN/CAN0_ TX Ethernet PHY_0 (KSZ9131RNXC) Carrier Board Connector, connected to CAN0 connector (CN15) P143 CAN0_TX K6 P2_1/ ET0_TX_ERR/ SSI0_RCK/ CAN1_RX/ MTCLKB/ SCI0_CLK/ RSPI0_CK CAN1_RX CAN1_RX CAN1_RX Carrier Board Connector, connected to CAN1 connector (CN16) P146 CAN1_RX M2 P1_0/ET0_TXC/ TX_CLK/ RSPI0_CK/ CAN_CLK/ MTIOC1A ET0_TXC_TX_ CLK/P1_0 ET0_TXC_TX_ CLK/P1_0 ET0_TXC_TX_ CLK/P1_0 Ethernet PHY_0 (KSZ9131RNXC) P113 GPIO5 |