Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Female connector, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: MC 1,5/..-
STF, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, number of solder pins per potential: 1, plug-in
system: COMBICON MC 1,5, locking: Screw locking, mounting: Screw flange, type of packaging:
packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Screwable flange for superior mechanical stability
•
Commercial Data
Item number
1847181
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
A01
Product Key
AABAAB
Catalog Page
Page 191 (C-1-2013)
GTIN
4017918113483
Weight per Piece (including packing)
6.59 g
Weight per Piece (excluding packing)
6.161 g
Customs tariff number
85366990
Country of origin
US
PCB connector - MC 1,5/ 8-STF-3,5
1847181
https://www.phoenixcontact.com/us/products/1847181
Jul 21, 2022, 7:18 AM
Page 1 (15)