công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STTH112A bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG

tên linh kiện STTH112A
Giải thích chi tiết về linh kiện  Single-channel isolated gate driver IC with adjustable DESAT and soft-off
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

STTH112A bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG

Back Button STTH112A Datasheet HTML 9Page - Infineon Technologies AG STTH112A Datasheet HTML 10Page - Infineon Technologies AG STTH112A Datasheet HTML 11Page - Infineon Technologies AG STTH112A Datasheet HTML 12Page - Infineon Technologies AG STTH112A Datasheet HTML 13Page - Infineon Technologies AG STTH112A Datasheet HTML 14Page - Infineon Technologies AG STTH112A Datasheet HTML 15Page - Infineon Technologies AG STTH112A Datasheet HTML 16Page - Infineon Technologies AG STTH112A Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
D70
BAT165
D72
BAT165
D71
BAT165
C70
10uF
C71
10uF
C72
10uF
SEC
VCC2H
VEE2H
PHASE
R70
0R
REMOVE
1
2
3
X70
2
3
T70
R71
D73
Figure 7
High side supply for CoolSiC™ SiC MOSFET adaption
Resistors R70, R80 must be removed and diodes D73, D83, resistors R71, R81, and transistors T70, T80 should be
populated in order to adjust the voltage on the VEE2L or VEE2H to the desired voltage.
The value of the negative voltage VEE2L/VEE2H rail is given by the breakdown voltage of the Zener diode D73/
D83 plus the VBE voltage drop of the transistor, T70/T80. The current biasing resistors R71/R81 should be
selected as such to ensure enough current is drawn from the transistor’s base, while at the same time ensuring
that the Zener diodes are not overloaded.
The table below shows a bill of materials required to enable -3 V VEE2 operation required for CoolSiC™ SiC
MOSFETs switching.
Table 6
Component change to enable -3 V VEE2 for CoolSiC™ SiC MOSFETs
Designator
Manufacturer
Manufacturer part number
Value
D73, D83
Vishay
BZX384B3V6-E3-08
3.6 V
R71, R81
Vishay
CRCW0603560RFK
560 Ω
T70, T80
Diodes inc.
BC857A
-
R70, R80
Remove
Remove
Remove
2
Schematics
The schematics of the evaluation board are separated into the following parts:
•
Gate driver ICs with surrounding circuit
•
Power supply for primary and secondary sides
•
Status interface LEDs
•
Interfaces with connectors
AN2020-05 EVAL-1ED3491Mx12M (1ED-X3 Analog)
Evaluation board description
2 Schematics
Application Note
13
v1.0
2020-05-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com