công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STTH112A bảng dữ liệu(PDF) 4 Page - Infineon Technologies AG

tên linh kiện STTH112A
Giải thích chi tiết về linh kiện  Single-channel isolated gate driver IC with adjustable DESAT and soft-off
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

STTH112A bảng dữ liệu(HTML) 4 Page - Infineon Technologies AG

  STTH112A Datasheet HTML 1Page - Infineon Technologies AG STTH112A Datasheet HTML 2Page - Infineon Technologies AG STTH112A Datasheet HTML 3Page - Infineon Technologies AG STTH112A Datasheet HTML 4Page - Infineon Technologies AG STTH112A Datasheet HTML 5Page - Infineon Technologies AG STTH112A Datasheet HTML 6Page - Infineon Technologies AG STTH112A Datasheet HTML 7Page - Infineon Technologies AG STTH112A Datasheet HTML 8Page - Infineon Technologies AG STTH112A Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
jumper J70 can be used to disable the power supply for the primary and secondary sides. This will be discussed
in more details in the following chapters.
Different LEDs across the board are used to visually feedback the state of the board, showing the presence of
the supply voltages and the state of the fault pins. This will be discussed in more details in the following
chapters.
1.1
Absolute maximum ratings, operating conditions, and supply
voltages
The selected components on this evaluation board as well as the gate driver ICs have maximum ratings and
operating conditions to avoid damaging the individual parts and the evaluation board overall.
Table 1
Absolute maximum ratings
Pin/parameter
name
Abs. max. rating
Unit
Note
P15VP
-0.3 … 20
V
Input supply voltage of the power supply stage
(referenced to SGND)
VCC
-0.3 … 6.5
V
Primary side supply voltage (referenced to SGND).2)
RDYC
-0.3 … 6.5
V
Input/output digital signal
FLT#
-0.3 … 6.5
V
Input/output digital signal
IN_HS
-0.3 … 6.5
V
Input digital signal
IN_LS
-0.3 … 6.5
V
Input digital signal
VCC2H,VCC2L
-0.3 … 40
V
Isolated secondary positive supply with reference to
GND2H/GND2L2)
VCC2H,VCC2L
-0.3 … 40
V
Overall secondary supply voltage with reference to
VEE2H/VEE2L2)
VEE2H,GEE2L
-40 … 0.3
V
Isolated secondary negative supply with reference to
GND2H/GND2L2)
P1000VP
-0.2 … 900
V
Input, high-voltage supply reference to GND power
terminal, for voltages above 42 V, special safety
measures should be taken
Phase peak current 30
A
Phase peak output current for double pulse tests.
Maximum current is only limited by the thermal
capabilities of the PCB
tpulse
100
µs
maximum ON pulse length for double-pulse tests
fsw
100
kHz
maximum switching frequency for continuous
operation, power dissipation should be considered
This evaluation board is optimized for both 5 V and 3.3 V VCC supply voltage. Depending on the used input
signals, by using jumper J40 (5V EN) the end user can select 5 V or 3.3 V operation. This will affect the input
threshold values, which are referenced to VCC.
It is recommended to use the board with the built-in power supply circuit. This provides a +15 V/-7 V supply
voltage on the secondary sides for both upper and lower side gate drivers.
In case a separate, external power supply is to be used, the built in power supply can be disabled by using the
jumper J70 (ISO DIS).
2
Not to be used when power supply circuit is enabled
AN2020-05 EVAL-1ED3491Mx12M (1ED-X3 Analog)
Evaluation board description
1 Electrical description
Application Note
4
v1.0
2020-05-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com