| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CYUSB2014-BZXI bảng dữ liệu(PDF) 13 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYUSB2014-BZXI bảng dữ liệu(HTML) 13 Page - Infineon Technologies AG |
|
13 / 82 page ![]() Datasheet 13 001-52136 Rev. *Y 2022-08-11 EZ-USB FX3 SuperSpeed USB Controller CPU 5CPU FX3 has an on-chip 32-bit, 200-MHz ARM926EJ-S core CPU. The core has direct access to 16 KB of instruction tightly coupled memory (TCM) and 8 KB of Data TCM. The ARM926EJ-S core provides a JTAG interface for firmware debugging. FX3 offers the following advantages: • Integrates 256/512 KB of embedded SRAM for code and data and 8 KB of instruction cache and data cache. • Implements efficient and flexible DMA connectivity between the various peripherals (such as, USB, GPIF II, I2S, SPI, UART, I2C), requiring firmware only to configure data accesses between peripherals, which are then managed by the DMA fabric. • Allows easy application development using industry-standard development tools for ARM926EJ-S. Examples of the FX3 firmware are available with the Infineon EZ-USB FX3 Development Kit. |