công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F5671CDDBP bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp

tên linh kiện R5F5671CDDBP
Giải thích chi tiết về linh kiện  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 16Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 17Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 18Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 19Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 20Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 21Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 22Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 23Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 20 of 178
Apr 15, 2022
Address bus
A0 to A23
Output
Output pins for the address
Data bus
D0 to D15
I/O
Input and output pins for the bidirectional data bus
Multiplexed bus
A0/D0 to A15/D15
I/O
Address/data multiplexed bus
Bus control
RD#
Output
Strobe signal which indicates that reading from the external bus
interface space is in progress
WR#
Output
Strobe signal which indicates that writing to the external bus
interface space is in progress, in 1-write strobe mode
WR0#, WR1#
Output
Strobe signals which indicate that either group of data bus pins
(D7 to D0 and D15 to D8) is valid in writing to the external bus
interface space, in byte strobe mode
BC0#, BC1#
Output
Strobe signals which indicate that either group of data bus pins
(D7 to D0 and D15 to D8) is valid in access to the external bus
interface space, in 1-write strobe mode
ALE
Output
Address latch signal when address/data multiplexed bus is
selected
WAIT#
Input
Input pin for wait request signals in access to the external space
CS0# to CS7#
Output
Select signals for CS areas
SDRAM interface
CKE
Output
SDRAM clock enable signal
SDCS#
Output
SDRAM chip select signal
RAS#
Output
SDRAM row address strobe signal
CAS#
Output
SDRAM column address strove signal
WE#
Output
SDRAM write enable pin
DQM0, DQM1
Output
SDRAM I/O data mask enable signals
EXDMA controller
EDREQ0, EDREQ1
Input
External DMA transfer request pins
EDACK0, EDACK1
Output
Single address transfer acknowledge signals
Interrupt
NMI
Input
Non-maskable interrupt request pin
IRQ0 to IRQ15, IRQ0-DS to
IRQ15-DS
Input
Maskable interrupt request pins
Multi-function timer pulse
unit 3
MTIOC0A, MTIOC0B,
MTIOC0C, MTIOC0D
I/O
The TGRA0 to TGRD0 input capture input/output compare
output/PWM output pins
MTIOC1A, MTIOC1B
I/O
The TGRA1 and TGRB1 input capture input/output compare
output/PWM output pins
MTIOC2A, MTIOC2B
I/O
The TGRA2 and TGRB2 input capture input/output compare
output/PWM output pins
MTIOC3A, MTIOC3B,
MTIOC3C, MTIOC3D
I/O
The TGRA3 to TGRD3 input capture input/output compare
output/PWM output pins
MTIOC4A, MTIOC4B,
MTIOC4C, MTIOC4D
I/O
The TGRA4 to TGRD4 input capture input/output compare
output/PWM output pins
MTIC5U, MTIC5V, MTIC5W
Input
The TGRU5, TGRV5, and TGRW5 input capture input/dead
time compensation input pins
MTIOC6A, MTIOC6B,
MTIOC6C, MTIOC6D
I/O
The TGRA6 to TGRD6 input capture input/output compare
output/PWM output pins
MTIOC7A, MTIOC7B,
MTIOC7C, MTIOC7D
I/O
The TGRA7 to TGRD7 input capture input/output compare
output/PWM output pins
MTIOC8A, MTIOC8B,
MTIOC8C, MTIOC8D
I/O
The TGRA8 to TGRD8 input capture input/output compare
output/PWM output pins
MTCLKA, MTCLKB,
MTCLKC, MTCLKD
Input
Input pins for external clock signals or for phase counting mode
clock signals
Port output enable 3
POE0#, POE4#, POE8#,
POE10#, POE11#
Input
Input pins for request signals to place the MTU in the high
impedance state
Table 1.4
Pin Functions (2/8)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com