công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F5671CDDBP bảng dữ liệu(PDF) 18 Page - Renesas Technology Corp

tên linh kiện R5F5671CDDBP
Giải thích chi tiết về linh kiện  120-MHz 32-bit RX MCU, on-chip double-precision FPU, 707 CoreMark, up to 2-MB flash memory (supporting the dual bank function), 384-KB SRAM, various communications interfaces, including SD host interface, Quad SPI, and CAN, Capacitive touch sensing unit,
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDBP bảng dữ liệu(HTML) 18 Page - Renesas Technology Corp

Back Button R5F5671CDDBP Datasheet HTML 14Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 15Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 16Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 17Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 18Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 19Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 20Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 21Page - Renesas Technology Corp R5F5671CDDBP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 178 page
background image
RX671 Group
1. Overview
R01DS0373EJ0110 Rev.1.10
Page 18 of 178
Apr 15, 2022
1.3
Block Diagram
Figure 1.2 shows a block diagram.
Figure 1.2
Block Diagram
BSC
Clock
generation
circuit
RX CPU
ROM
RAM
DTC
DMAC
× 8ch
ICU
MPU
EXDMAC
SDHI
RSPI × 3ch
CAN × 2ch
USB × 2 ports
RIIC × 3ch
SCIh × 1ch
SCIm × 2ch
SCIk × 10ch
RTC
IWDT
WDT
CMTW × 2ch
CMT × 4ch
TMR × 2ch (unit 1)
TMR × 2ch (unit 0)
TPU × 6ch
POE3
MTU × 9ch
DOC
CAC
Trusted Secure IP
RIICHS
RSPIA
REMC
CTSU
CRC
RSCI × 2ch
PPG × 2ch
ELC
Standby RAM
Data Flash
Temperature sensor
12-bit A/D converter × 12 channels (unit 1)
12-bit A/D converter × 8 channels (unit 0)
ROM
cache
QSPIX
Port 0
Port 1
Port 2
Port 3
Port 4
Port 5
Port 6
Port 7
Port 8
Port 9
Port A
Port B
Port C
Port D
Port E
Port F
Port H
Port J
SSIE
ICU:
Interrupt controller
DTC
Data transfer controller
DMAC:
DMA controller
EXDMAC:
EXDMA controller
BSC:
Bus controller
CAC:
Clock frequency accuracy measurement circuit
CRC:
CRC (cyclic redundancy check) calculator
DOC:
Data operation circuit
ELC:
Event link controller
SCIk, SCIh,
SCIm, RSCI:
Serial communications interface
RSPI, RSPIA:
Serial peripheral interface
RIIC, RIICHS:
I2C bus interface
USB:
USB2.0 FS host/function module
CAN:
CAN module
MTU:
Multi-function timer pulse unit 3
POE3:
Port output enable 3
TPU:
16-bit timer pulse unit
PPG:
Programmable pulse generator
TMR:
8-bit timer
CMT:
Compare match timer
CMTW:
Compare match timer W
WDT:
Watchdog timer
IWDT:
Independent watchdog timer
RTC:
Realtime clock
SDHI:
SD host interface
QSPIX:
Quad-SPI memory interface
SSIE:
Serial sound interface
CTSU:
Capacitive touch sensing unit
REMC:
Remote control signal receiver
Trusted Secure IP: Encryption engine
Note:
Available functions depend on the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com