công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330MAL bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện 6TPE330MAL
Giải thích chi tiết về linh kiện  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330MAL bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

  6TPE330MAL Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 4Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 5Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 6Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 7Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Conductive Polymer Tantalum Solid Capacitors
1.6 Leakage current
Even when the soldering conditions fall within the range of this delivery specifications, leakage current
increases a little on occasion. It also increases a little during high temperature storage, high humidity storage
こand temperature cycling with no voltage applied. In cases such as these, leakage current will decrease by
applying voltage under the condition of below the POSCAP's maximum operating temperature.
The speed at which the leakage current is restored is increased by applying voltage when the POSCAP's
temperature is close to the maximum operating temperature.
1.7 Rapid charge and discharge limitation
Rapid charge and discharge are restricted (for maintainance of high-proof reliability).
A protective circuit is recommended for when a rapid charge or discharge causes excessive rush current
since this is main cause of short circuit and large leakage current. Use a protective circuits in case the rush
current value exceeds 20 A*.
Be sure to insert a protection resistor of about 1 kΩ for charge and discharge when measuring the leakage
current.
* When TH series use under the ambient temperature more than 105 °C : 10 A, TPU series : 10 A
2.1 Protect circuit
The failure mode of POSCAP is the short mode. When it breaks down, short electric current flows to it.
POSCAP gives off heat by this short current.
Do the following consideration in design fully for the safety because it has a bad influence on the part around
POSCAP due to this heat.
・ A protective circuit and a protective device are set up, so as to make the system safer.
・ A diffuse circuit and so on is set up, so as to make the system safer such as that a machine may not
break down as to the single trouble.
2.2 Considerations when soldering
The soldering conditions are to be within the range prescribed in this delivery specification.
If the specifications are not followed, there is the possibility of degradation of electric characteristic and
lifetime when soldering is conducted under conditions that are harsher that those stipulated.
2.3 Others
POSCAP’s Electrical characteristics are affected by temperature and frequency fluctuations.
Design circuits after checking the amount of fluctuation.
It is necessary to set an environment to prevent a trouble at the time of soldering by the degradation of solder
ability or moisture's getting into the molding resin when POSCAP are stored.
● Please make storage of POSCAP sealing up in the reel and the moisture proof bag at the time of delivery in the following
environment. Also, set storage period of unopened as 18 months or shorter after shipment from factory.
・ Room temperature and room humidity (generally : 15 to 35 °C, 45 to 75% RH ) are desirable.
・ Place where POSCAP is not exposed by direct sunshine.
● Please unseal the moisture proof bag just before mounting and use up POSCAP in the moisture proof bag.
Storage conditions after opening the moisture proof bag are as follows.
POSCAP is not compatible with JEDEC J-STD-020, J-STD-033
✽ Intellectual property right
We, Panasonic Group are providing the product and service that customers can use without anxiety, and are
working positively on the protection of our products under intellectual property rights.
Representative patents relating to POSCAP are as follows:
US Patent
No.6508800, No.6891717, No.7158368, No.7326260
号, No.8081421, No.8149569,
No.8456804, No.8559166
2. Mounting
3. Storage
Level
2a
14-Jan-22
Floor life
Conditions
≦ 30 ℃ / 60 %RH
≦ 30 ℃ / 60 %RH
≦ 30 ℃ / 60 %RH
Time
4 weeks
168 hours
48 hours
3
5



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com