công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330MAL bảng dữ liệu(PDF) 6 Page - Panasonic Semiconductor

tên linh kiện 6TPE330MAL
Giải thích chi tiết về linh kiện  Conductive Polymer Tantalum Solid Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

6TPE330MAL bảng dữ liệu(HTML) 6 Page - Panasonic Semiconductor

  6TPE330MAL Datasheet HTML 1Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 2Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 3Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 4Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 5Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 6Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 7Page - Panasonic Semiconductor 6TPE330MAL Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Notices / Items to be observed
■ Applicable laws and regulations
・This product complies with the RoHS Directive (Restriction of the use of certain hazardous substances in electrical and
electronic equipment (DIRECTIVE 2011/65/EU and
(EU)2015/863)).
・ No Ozone Depleting Chemicals(ODC's), controlled under the Montreal Protocol Agreement, are used in producing
this product. We do not use PBBs or PBDEs as brominated flame retardants.
・ Export procedure which followed export related regulations, such as foreign exchange and a foreign trade method,
on the occasion of export of this product.
・ These products are not dangerous goods on the transportation as identified by UN(United Nations) numbers or UN
classification.
■ Limited applications
・ This capacitor is designed to be used for electronics circuits such as audio/visual equipment, home appliances,
computers and other office equipment, optical equipment, measuring equipment.
・ An advanced specification must be signed individually for high-reliability use that might threaten human life or
property due to a malfunction of the capacitor.
■ Intellectual property rights and licenses
・ The technical information in this specification provides examples of our products' typical operations and application
circuits. We do not guarantee the non-infringement of third party's intellectual property rights and we do not grant
any license, right, or interest in our intellectual property.
■ For specification
・ This specification guarantees the quality and performance of the product as individual components.
The durability differs depending on the environment and the conditions of usage.
Before use, check and evaluate their compatibility with actual conditions when installed in the products.
When safety requirements cannot be satisfied in your technical examination, inform us immediately.
・ Do not use the products beyond the specifications described in this document.
■ Upon application to products where safety is regarded as important
Install the following systems for a fail-safe design to ensure safety if these products are to be used in equipment where
a defect in these products may cause the loss of human life or other signification damage, such as damage to vehicles
(automobile, train, vessel), traffic lights, medical equipment, aerospace equipment, electric heating appliances,
combustion/ gas equipment, rotating rotating equipment, and disaster/crime prevention equipment.
(1) The system is equipped with a protection circuit and protection device.
(2) The system is equipped with a redundant circuit or other system to prevent an unsafe status in the event
of a single fault.
■ Conditions of use
・ Before using the products, carefully check the effects on their quality and performance, and determined whether or not they
 can be used. These products are designed and manufactured for general-purpose and standard use in general electronic
equipment. These products are not intended for use in the following special conditions.
(1) In liquid, such as Water, Oil, Chemicals, or Organic solvent.
(2) In direct sunlight, outdoors, or in dust.
(3) In vapor, such as dew condensation water of resistive element, or water leakage, salty air, or air with a high
concentration corrosive gas, such as Cl2, H2S, NH3, SO2, or NOx.
(4) In an environment where strong static electricity or electromagnetic waves exist.
(5) Mounting or placing heat-generating components or inflammables, such as vinyl-coated wires, near these products.
(6) Sealing or coating of these products or a printed circuit board on which these products are mounted, with resin and
other material.
(7) Using resolvent, water or water-soluble cleaner for flux cleaning agent after soldering. (In particular, when using water or
a water-soluble cleaning agent, be careful not to leave water residues)
(8) Using in the atmosphere where strays acid or alkaline.
(9) Using in the atmosphere where there are excessive vibration and shock.
(10) Using in the atmosphere where there are low pressure or decompression.
・ Please arrange circuit design for preventing impulse or transitional voltage.
 Do not apply voltage, which exceeds the full rated voltage when the capacitors receive impulse voltage, instantaneous high
 voltage, high pulse voltage etc.
・ Our products there is a product are using an electrolyte solution. Therefore, misuse can result in rapid deterioration of
characteristics and functions of each product. Electrolyte leakage damages printed circuit and affects performance,
characteristics, and functions of customer system.
Notices
Items to be observed
16-Apr-21



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com