công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA8/02 bảng dữ liệu(PDF) 20 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA8/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA8/02 bảng dữ liệu(HTML) 20 Page - NXP Semiconductors

Back Button MF2DL1000DA8/02 Datasheet HTML 16Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 17Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 18Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 19Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 20Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 21Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 22Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 23Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
20 / 132
• the PICC supports ISO/IEC 14443-4 chaining to allow larger command or response
frames than the supported buffer size for variants of the following commands:
– Native commands wrapped into ISO/IEC 7816-4 APDU: ReadData, WriteData,
ReadRecords, WriteRecord, and UpdateRecord, see Section 11.
– Standard ISO/IEC 7816-4 commands: ISOReadBinary, ISOUpdateBinary
i.e. every command where larger frame size can occur.
• the PICC will automatically split a response in several frames to fit with the FSD frame
size supported by the PCD and communicated in the RATS.
When a PCD applies ISO/IEC 14443-4 chaining, see [3], it needs to assure the
reassembled INF field containing the command header (i.e. ISO/IEC 7816-4 header
bytes and/or (Cmd || CmdHeader)) fits within the PICC’s buffer (FSC) communicated in
the ATS. If not, the PICC may respond with LENGTH_ERROR.
The ISO/IEC 14443-4 chaining does not influence the secure messaging. This means
that the secure messaging mechanisms are applied as if the command or response
would have been sent in a single large frame. With regards to command execution,
commands are handled as if they were received in one large frame, except for write
commands where the total frame size can be larger than the supported FSC (WriteData,
WriteRecord, UpdateRecord and ISOUpdateBinary). In this case, command execution is
started before the complete command is received.
Note that this is important for StandardData files, where the file may end up in an
undefined state if the command is not completed successfully, see Section 8.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com