công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MF2DL1000DA8/02 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện MF2DL1000DA8/02
Giải thích chi tiết về linh kiện  MIFARE DESFire Light contactless application IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF2DL1000DA8/02 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  MF2DL1000DA8/02 Datasheet HTML 1Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 2Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 3Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 4Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 5Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 6Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 7Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 8Page - NXP Semiconductors MF2DL1000DA8/02 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 132 page
background image
NXP Semiconductors
MF2DL(H)x0
MIFARE DESFire Light contactless application IC
MF2DL_H_x0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 5 April 2019
COMPANY PUBLIC
430733
2 / 132
MIFARE DESFire Light contains features like the fully encrypted communication mode
enabling contactless applications to address privacy sensitive applications. With its
optional support of Random ID, it enables compliance with latest user data protection
regulations.
Users of MIFARE DESFire Light can change the application identifier (AID) and the file
identifiers (FID) according to their needs enabling compatibility with existing data models.
This further enables users to complement their use cases with an NFC forum-compliant
Type 4 Tag in order to enable additional, end-user centric services, such as business
card sharing or pairing with a network.
MIFARE DESFire Light is compatible with MIFARE DESFire EV2, a secure multi-
application platform. Through this compatibility single application running on
MIFARE DESFire Light can become part of a multi-application solution, combining
applications from different entities, with minimal system impact.
MIFARE DESFire Light is designed to support standards Class 1 smart cards antenna
designs with a 17 pF input capacitance as well as smaller form factors, i.e. key fobs,
wristbands, by providing 50 pF input capacitance delivery forms. This ensures high user
convenience throughout different form factors.
2 Features and benefits
2.1 RF Interface & Communication Protocol
• Contactless interface compliant to ISO/IEC 14443A-2/ -3/ -4, see [1] , [2], [3]
• Support of ISO/IEC 7816-4 communication frames for highest interoperability with
mobile and wearables
• Low power consumption (Hmin) enabling operating distances of up to 10 cm
• Support of fast data rates: 106 kbit/s, 212 kbit/s, 424 kbit/s, and 848 kbit/s
• Support of double size (7-byte) Unique Identifiers (UID) and optionally Random ID
(RID) according to ISO 14443-3 [2]
• Configurable communication frame size to support up to 128 bytes
• Fast start-up time for reliable and robust detection of MIFARE DESFire Light in legacy
terminals
• Support of ISO 7816-4 wrapped commands compliant to a subset of MIFARE DESFire
EV2 commands
2.2 Memory Organization
• 640 bytes user memory, equivalent to available user memory on legacy MIFARE
Classic 1 kB product
• Data retention of 10 years and write endurance of minimum 200.000 cycles
• File system compliant to ISO/IEC 7816-4 with one predefined Directory File (DF) and a
set of Elementary Files (EF)
– Three standard data files, one with 32 bytes and two with 256 bytes
– One cyclic record file of 4 records of each 16-byte record size
– One value file for value operations including upper and lower limits
– Optional Transaction Message Authentication Code (TMAC) file for transaction
protection
• File system compliant with MIFARE DESFire EV2 file system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com