| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Y100AB bảng dữ liệu(PDF) 4 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
Y100AB bảng dữ liệu(HTML) 4 Page - C&K Components |
|
4 / 8 page ![]() L–6 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ckswitches.com L Y Series 4, 5 & 6 Tumbler Switchlocks SWITCH AND LOCK FUNCTION KEYING LOCK TYPE . AVAILABLE OPTION COMBINATIONS LOCK TYPES TERMINATIONS MOUNTING/LOCK STYLES MODELS A BC RV W01020307WCD LN R YX0013 •• •• •• •• •• • YX001U ••••• •• •• •• •• YX0082 •• •• •• •• • YX00AX •• •• •• •• • YX0113 ••••• •• •• •• • YX011C •• •• •• •• •• YX01IU ••••• •• •• •• •• Y141XX •• •• •• •• • YX0812 •• •• •• • Y190XX •• •• •• • B 5 TUMBLER LOCK A 4 TUMBLER LOCK (MOMENTARY MODELS ONLY) V 6 TUMBLER TUBULAR LOCK C 4 TUMBLER LOCK WITH DETENT KEYING NOTE: Keys are available separately, see page L-10. Key head shape subject to change without notice. NOTE: All orders keyed alike, standard. For more than one key code, master keying, replacement keys, or other special features, consult Customer Service Center. YES YES 2 NICKEL PLATED BRASS KEYS, 4 & 5 TUMBLER ONLY 6 NO YES 2 NICKEL PLATED BRASS KEYS (4 & 5 TUMBLER) or 2 DIE CAST CHROME PLATED ZINC ALLOY KEYS (6 TUMBLER) 2 CODE NO. ON LOCK CODE NO. ON KEY KEYING OPTIONS OPTION CODE |