công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Y100AB bảng dữ liệu(PDF) 2 Page - C&K Components

tên linh kiện Y100AB
Giải thích chi tiết về linh kiện  4, 5 & 6 Tumbler Switchlocks
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

Y100AB bảng dữ liệu(HTML) 2 Page - C&K Components

  Y100AB Datasheet HTML 1Page - C&K Components Y100AB Datasheet HTML 2Page - C&K Components Y100AB Datasheet HTML 3Page - C&K Components Y100AB Datasheet HTML 4Page - C&K Components Y100AB Datasheet HTML 5Page - C&K Components Y100AB Datasheet HTML 6Page - C&K Components Y100AB Datasheet HTML 7Page - C&K Components Y100AB Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L–4
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
L
Y Series
4, 5 & 6 Tumbler Switchlocks
SWITCH AND LOCK FUNCTION
= Momentary Positions (45º)
= Detent Positions (45
º or 90º )
= Key pull possible in these positions.
= Stop Positions
LEGEND
TERMINAL NUMBERS
Terminal numbers molded on bottom of housing.
All models
with all options when ordered
with ‘G’ or ‘Q’ contact material.
45º
Mom.
Position 1
1-2
1-2, 5-6
8-1
8-1, 4-5
Y10812
Y20812
SP
DP
4
INDEXING
LOCK
CONFIGURATION
KEY PULL
POSITIONS
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3POS. 4
MODEL
NO.
NO.
POLES
NO.
TUMBLERS
SINGLE& DOUBLE POLE MOMENTARY SWITCHES
Positions 1, 2 & 3
6-7
1-3
7-1
Y1417U
SP
4
Position 1
6-7
1-3
7-1
Y14173
SP
4
Positions 1 & 2
1-3
1-3, 5-7
8-1
8-1, 4-5
Y1011U
Y2011U
SP
DP
4, 5 & 6
Position 2
1-3
1-3, 5-7
8-1
8-1, 4-5
Y1011C
Y2011C
SP
DP
4 & 5
Position 1
1-3
1-3, 5-7
8-1
8-1, 4-5
Y10113
Y20113
SP
DP
4, 5 & 6
Positions 1, 2, 3 & 4
3-4
3-4, 7-8
2-3
2-3, 6-7
1-2
1-2, 5-6
8-1
8-1, 4-5
Y100AB
Y200AB
SP
DP
4
Positions 1, 2 & 3
7-8
7-8, 3-4
1-2
1-2, 5-6
8-1
8-1, 4-5
Y100AA
Y200AA
SP
DP
4
Position 1
7-8
7-8, 3-4
1-2
1-2, 5-6
8-1
8-1, 4-5
Y10082
Y20082
SP
DP
4 & 5
Positions 1 & 3
2-3
2-3, 6-7
1-2
1-2, 5-6
8-1
8-1, 4-5
Y1001U
Y2001U
SP
DP
4, 5 & 6
Position 1
2-3
1-2
8-1
Y10013
SP
4, 5 & 6
INDEXING
LOCK
CONFIGURATION
KEY PULL
POSITIONS
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3POS. 4
MODEL
NO.
NO.
POLES
NO.
TUMBLERS
SINGLE& DOUBLE POLESWITCHES
POS. 1
2
3
POS. 1
2
POS. 1
2
3
2
3
POS. 1
POS. 1
2
3
POS. 1
2
3
POS. 1
2
3
4
2
POS. 1
POS. 1
2
POS. 1
2
POS. 1
2
3
45º
90º



Html Pages

1 2 3 4 5 6 7 8