công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLS100MA103 bảng dữ liệu(PDF) 1 Page - Analog Technologies, Inc.

tên linh kiện ATLS100MA103
Giải thích chi tiết về linh kiện  Low Noise Constant Current Laser Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS100MA103 bảng dữ liệu(HTML) 1 Page - Analog Technologies, Inc.

  ATLS100MA103 Datasheet HTML 1Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 2Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 3/7/2022
Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
ATLS100MA104
Low Noise Constant Current Laser Controller
Figure 1. Physical Photo of ATLS100mA104
FEATURES
Ultra Low Noise (RMS): <0.6
μARMS@ 0.1Hz ~ 10Hz
High IOUT without Heat Sink: 100mA
High IOUT Absolute Accuracy: 100±0.5 (mA) @ VLIS=2.5V
High IOUT Stability: <±0.5mA @ T =
−30ºC ~ 60ºC
Independently programmable IOUT and IOUT limit
Loop good indication
Controller internal temperature monitoring
Complete Shielding
Compact Size
100 % Lead (Pb)-free and RoHS Compliant
DIP and SMT Packages Available
Soft-Start
Note: The surface mount version is not recommended
for new designs.
APPLICATIONS
Driving laser diodes with ultra low noise, such as DPSSL,
EDFA, SOA, fiber laser, DSB diode lasers, etc.
DESCRIPTION
The ATLS100MA104 is an electronic module designed for
driving diode lasers with up to 100mA extra low noise
current. The output voltage is 0.5V to 3.5V when powered
by a 5.5V power supply. Figure 1 shows the photo of
ATLS100MA104.
The controller has temperature compensation network so
that the output current maintains the same even as the
controller temperature rises.
In case the controller temperature exceeds a preset limit, 120
°C,
the controller will be shut down by itself to prevent the
controller from being damaged by the over heat.
The output current of the ATLS100MA104 can be set by an
input voltage linearly or modulated by an external signal of up
to 4.67MHz in bandwidth, resulting in a minimum 75nS rise
and fall times at the output current.
A highly stable low noise 2.5V reference voltage is provided
internally for setting the output current. This reference can also
be used as the voltage reference for external ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters) which are utilized for converting the analog signals,
such as LIO which represents the output current, into digital
signals, and/or converting the digital signals into analog ones
for setting the analog voltages, such as LIS which sets the
output current.
The ATLS100MA104 is packaged in a 6 sided metal enclosure,
which blocks EMIs (Electro-Magnetic Interferences) to prevent
the controller and other electronics from interfering each other.
This laser driver can be evaluated by our evaluation board,
ATLS1A103DEV1.0.
There are 2 packaging versions available: DIP through hole
package and surface mount type.
Note: The wire for connecting the controller and the cathode
and anode of the laser diode should be less than 10cm. See
Figure 5.1.
Warning: Both the surface mount and the through hole
types of modules can only be soldered manually on the
board by a solder iron of < 310ºC (590ºF), not go through a
reflow oven process.
Figure 2. Pin Names and Locations
Figure 2 is the actual size top view of the ATLS100MA104,
which shows the pin names and locations. Its thickness is 5mm.
20
VPS
PGND
LDC
LDA
TMPO
LPGD
GND
2.5VR
LIMS
LIS
LIO
SBDN
1
3
4
5
6
2
12
10
9
8
7
11
14.5


Số phần tương tự - ATLS100MA103

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Technologies, In...
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS100MA103-PD ANALOGTECHNOLOGIES-ATLS100MA103-PD Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
More results

Mô tả tương tự - ATLS100MA103

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Technologies, In...
ATLS1.5A104 ANALOGTECHNOLOGIES-ATLS1.5A104 Datasheet
978Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS1A103 ANALOGTECHNOLOGIES-ATLS1A103 Datasheet
602Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS1A104 ANALOGTECHNOLOGIES-ATLS1A104 Datasheet
960Kb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS100MA103 ANALOGTECHNOLOGIES-ATLS100MA103 Datasheet
495Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS200MA103 ANALOGTECHNOLOGIES-ATLS200MA103 Datasheet
553Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA103 ANALOGTECHNOLOGIES-ATLS250MA103 Datasheet
508Kb / 12P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS250MA106 ANALOGTECHNOLOGIES-ATLS250MA106 Datasheet
509Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
ATLS500MA103 ANALOGTECHNOLOGIES-ATLS500MA103 Datasheet
708Kb / 13P
Low Noise Constant Current Laser Controller
1/17/2022
ATLS500MA104 ANALOGTECHNOLOGIES-ATLS500MA104 Datasheet
1Mb / 15P
Low Noise Constant Current Laser Controller
3/7/2022
ATLS500MA106 ANALOGTECHNOLOGIES-ATLS500MA106 Datasheet
559Kb / 11P
Low Noise Constant Current Laser Controller
1/18/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com