công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATLS100MA103 bảng dữ liệu(PDF) 7 Page - Analog Technologies, Inc.

tên linh kiện ATLS100MA103
Giải thích chi tiết về linh kiện  Low Noise Constant Current Laser Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Trang chủ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS100MA103 bảng dữ liệu(HTML) 7 Page - Analog Technologies, Inc.

Back Button ATLS100MA103 Datasheet HTML 3Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 4Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 5Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 6Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 7Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 8Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 9Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 10Page - Analog Technologies, Inc. ATLS100MA103 Datasheet HTML 11Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 3/7/2022
Email: staff@analogti.com/sales@analogti.com
7
Analog Technologies
ATLS100MA104
Low Noise Constant Current Laser Controller
Monitoring the Output Current
The output current of the controller can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-controller based system where the ADC is
available and monitoring the current in real time is
required. This pin provides a very low noise voltage signal
which is proportional to the output current:
VLIO (V) = IOUT (mA)
×2.5 (V)/100mA.
For example, when the output signal equals to 2.5V, the
output current is 100mA.
The output impedance of this pin is 10
Ω and it can be used
to drive an ADC directly.
It can also be measured by a multimeter during debugging
process.
Figure 9 below shows the relations among vLIS, vLIMS and
iOUT
Figure 9. LIO is Controlled by LIS and Clamped by LIMS
When the output current set by LIS is less than the current
limit set by LIMS, the actual output current IOUT changes
with LIS linearly; when output current set by LIS exceeds
the current limit set by LIMS, IOUT will be clamped to the
value set by the LIMS, see Figure 9.
Monitoring the Controller Internal Temperature
The controller internal temperature can be monitored by
measuring the TMPO pin voltage. The relationship
between the TMPO voltage and the temperature is:
)
(
479
.
3
8015
.
1
4182
.
2
10
04
.
1525
3
C
V
T
TMPO °
−
+
+
−
=
(1)
where VTMPO is the voltage on the TMPO pin.
This formula can be approximated by a linear equation:
)
(
31
.
90
7
.
192
C
V
T
TMPO
°
×
−
=
(2)
Within the most commonly used temperature range of
between 0
°C to 100°C, the maximum error occurs at about
1.5V, at which the temperature error between the
calculated data by using the formula (1) and the
approximated data obtained by using the linear equation (2)
is about 0.4
°C, with the linear data being a little lower. The
curves of the 2 sets of the data are plotted in Figure 20.
Please notice that the TMPO pin has a weak driving
capability: the maximum sourcing current is 1
μA and the
maximum sinking current is 40
μA.
The TMPO pin can also be used as an input control pin:
when forcing the TMPO voltage to below 0.4V, the laser
controller will be shut down.
Controller Power Consumption
When the maximum power consumed by the controller is
maintained to <1W, it does not require a heat sink to
operate. The power dissipated by the controller can be
calculated by this formula:
IVPS = IQ + IOUT
PIN = VVPS
× IVPS
POUT = VOUT
× IOUT
PDRIVER = PIN − POUT
= VVPS
× IQ + (VVPS − VOUT) × IOUT
Where IVPS is the input current at the VPS node, VVPS is the
power supply voltage, IGND is the ground pin current, VOUT
is the output voltage at the load, IOUT is the output current
going through the load.
Figure 10 shows the current distributions of the controller.
Figure 10. The Current Distributions in the Controller
When the PDRIVER exceeds 1W, a heat sink might be needed.
Under this situation, if prefer not to use the heat sink, this
is an option: lowering the controller power consumption by
reducing the power supply voltage VVPS. Please make sure:
VVPS
≥ VOUTMAX+ 1V,
where VOUTMAX is the maximum possible laser diode
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com