công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FEP30XP-E3 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện FEP30XP-E3
Giải thích chi tiết về linh kiện  Dual Common Cathode Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FEP30XP-E3 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  FEP30XP-E3_V01 Datasheet HTML 1Page - Vishay Siliconix FEP30XP-E3_V01 Datasheet HTML 2Page - Vishay Siliconix FEP30XP-E3_V01 Datasheet HTML 3Page - Vishay Siliconix FEP30XP-E3_V01 Datasheet HTML 4Page - Vishay Siliconix FEP30XP-E3_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEP30xP-E3
www.vishay.com
Vishay General Semiconductor
Revision: 27-May-2020
1
Document Number: 88597
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Common Cathode Ultrafast Rectifier
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Low switching losses, high efficiency
• Low thermal resistance
• High forward surge capability
• Solder dip 260 °C, 40 s
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency rectifier of switching mode
power supplies, inverters, freewheeling diodes, DC/DC
converters, and other power switching application.
MECHANICAL DATA
Case: TO-3P (TO-247AD)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
30 A
VRRM
50 V, 100 V, 150 V, 200 V, 300 V,
400 V, 500 V, 600 V
IFSM
300 A
trr
35 ns, 50 ns
VF at IF = 15 A
0.95 V, 1.3 V, 1.5 V
TJ max.
150 °C
Package
TO-3P (TO-247AD)
Circuit configuration
Common cathode
TO-3P (TO-247AD)
1
2
3
PIN 1
PIN 3
CASE
PIN 2
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FEP
30AP
FEP
30BP
FEP
30CP
FEP
30DP
FEP
30FP
FEP
30GP
FEP
30HP
FEP
30JP
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum average forward rectified current
at TC = 100 °C
IF(AV)
30
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
300
A
Operating storage and temperature range
TJ, TSTG
-55 to +150
°C/W


Số phần tương tự - FEP30XP-E3_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
More results

Mô tả tương tự - FEP30XP-E3_V01

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
BYQ28E-100 VISHAY-BYQ28E-100 Datasheet
158Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
U10BCT VISHAY-U10BCT Datasheet
158Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
13-May-08
logo
KODENSHI_AUK CORP.
SF20D400D2 KODENSHI-SF20D400D2 Datasheet
241Kb / 5P
Ultrafast Dual Common-Cathode Rectifier
logo
Vishay Siliconix
BYVB32-100-E3 VISHAY-BYVB32-100-E3 Datasheet
146Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
UG10DCT-E3-45 VISHAY-UG10DCT-E3-45 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
07-Jan-08
BYV32-50HE3 VISHAY-BYV32-50HE3 Datasheet
139Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
02-Sep-13
FEP6XT VISHAY-FEP6XT Datasheet
151Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
FEP30XP-E3 VISHAY-FEP30XP-E3 Datasheet
93Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Feb-16
U10XCT-E3 VISHAY-U10XCT-E3 Datasheet
148Kb / 5P
Dual Common Cathode Ultrafast Rectifier
23-Oct-13
BYV32-XXX VISHAY-BYV32-XXX_V01 Datasheet
152Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-Jun-2019
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com