| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA8530DUG/DA bảng dữ liệu(PDF) 93 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DA bảng dữ liệu(HTML) 93 Page - NXP Semiconductors |
|
93 / 103 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx 20. Appendix 20.1 LCD segment driver selection Table 58. Selection of LCD segment drivers Type name Number of elements at MUX VDD (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temperature compensat. Tamb (C) Interface Package AEC- Q100 1:1 1:2 1:3 1:4 1:6 1:8 1:9 PCA8553DTT 40 80 120 160 - - - 1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 I2C / SPI TSSOP56 Y PCA8546ATT - - - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 95 I2C TSSOP56 Y PCA8546BTT - - - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 95 SPI TSSOP56 Y PCA8547AHT 44 88 - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 95 I2CTQFP64 Y PCA8547BHT 44 88 - 176 - - - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 95 SPI TQFP64 Y PCF85134HL 60 120 180 240 - - - 1.8 to 5.5 2.5 to 6.5 82 N N 40 to 85 I2CLQFP80 N PCA85134H 60 120 180 240 - - - 1.8 to 5.5 2.5 to 8 82 N N 40 to 95 I2CLQFP80 Y PCA8543AHL 60 120 - 240 - - - 2.5 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 105 I2CLQFP80 Y PCF8545ATT - - - 176 252 320 - 1.8 to 5.5 2.5 to 5.5 60 to 300[1] NN 40 to 85 I2C TSSOP56 N PCF8545BTT - - - 176 252 320 - 1.8 to 5.5 2.5 to 5.5 60 to 300[1] NN 40 to 85 SPI TSSOP56 N PCF8536AT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 85 I2C TSSOP56 N PCF8536BT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 85 SPI TSSOP56 N PCA8536AT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 95 I2C TSSOP56 Y PCA8536BT - - - 176 252 320 - 1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 95 SPI TSSOP56 Y PCF8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 85 I2CTQFP64 N PCF8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 85 SPI TQFP64 N PCA8537AH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 95 I2CTQFP64 Y PCA8537BH 44 88 - 176 276 352 - 1.8 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 95 SPI TQFP64 Y PCA9620H 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 105 I2CLQFP80 Y PCA9620U 60 120 - 240 320 480 - 2.5 to 5.5 2.5 to 9 60 to 300[1] YY 40 to 105 I2C Bare die Y PCF8576DU 40 80 120 160 - - - 1.8 to 5.5 2.5 to 6.5 77 N N 40 to 85 I2C Bare die N PCF8576EUG 40 80 120 160 - - - 1.8 to 5.5 2.5 to 6.5 77 N N 40 to 85 I2C Bare die N PCA8576FUG 40 80 120 160 - - - 1.8 to 5.5 2.5 to 8 200 N N 40 to 105 I2C Bare die Y PCF85133U 80 160 240 320 - - - 1.8 to 5.5 2.5 to 6.5 82, 110[2] NN 40 to 85 I2C Bare die N PCA85133U 80 160 240 320 - - - 1.8 to 5.5 2.5 to 8 82, 110[2] NN 40 to 95 I2C Bare die Y |