| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA8530DUG/DA bảng dữ liệu(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DA bảng dữ liệu(HTML) 55 Page - NXP Semiconductors |
|
55 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 55 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver • In the static drive mode, it is possible to request the content of RAM bank 1 for display instead of the default RAM bank 0. • In 1:2 multiplex drive mode, the content of RAM bank 2 may be selected instead of the default RAM bank 0. The Output-bank-select command works independently to the Input-bank-select command. |