| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC8540RT bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
VSC8540RT bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 87 page ![]() VSC8540RT DS60001603E-page 8 2022 Microchip Technology Inc. and its subsidiaries FIGURE 3-1: PIN DIAGRAM 3.3 Pins by Function This section contains the functional pin descriptions for the VSC8540RT device. All power supply pins must be con- nected to their respective voltage input, even if certain functions are not used for a specific application. No power supply sequencing is required. However, clock and power must be stable before releasing Reset. The SMI pins are referenced to VDDMDIO. TABLE 3-2: PINS BY FUNCTION Functional Group Name Numbe r Type I/O Domain Description Cu PHY Media P0_D0N 12 ADIFF VDD25A Tx/Rx channel A negative signal Cu PHY Media P0_D0P 13 ADIFF VDD25A Tx/Rx channel A positive signal Cu PHY Media P0_D1N 9 ADIFF VDD25A Tx/Rx channel B negative signal Cu PHY Media P0_D1P 10 ADIFF VDD25A Tx/Rx channel B positive signal |