| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F1230-E/SS bảng dữ liệu(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F1230-E/SS bảng dữ liệu(HTML) 13 Page - Microchip Technology |
|
13 / 312 page ![]() PIC18F1230/1330 © 2006 Microchip Technology Inc. Advance Information DS39758B-page 11 TABLE 1-2: PIC18F1230/1330 PINOUT I/O DESCRIPTIONS Pin Name Pin Number Pin Type Buffer Type Description PDIP, SOIC SSOP QFN MCLR/VPP/RA5/FLTA MCLR VPP RA5 FLTA(1) 44 1 I I I I ST Analog ST ST Master Clear (input), programming voltage (input) or Fault detect input. Master Clear (Reset) input. This pin is an active-low Reset to the device. Programming voltage input. Digital input. Fault detect input for PWM. RA7/OSC1/CLKI/ T1OSI/FLTA RA7 OSC1 CLKI T1OSI(2) FLTA(1) 16 18 21 I/O I I I I ST Analog Analog Analog ST Oscillator crystal, external clock input, Timer1 oscillator input or Fault detect input. Digital I/O. Oscillator crystal input or external clock source input. External clock source input. Timer1 oscillator input. Fault detect input for PWM. RA6/OSC2/CLKO/ T1OSO/T1CKI/AN3 RA6 OSC2 CLKO T1OSO(2) TICKI(2) AN3 15 17 20 I/O O O O I I ST Analog Analog Analog ST Analog Oscillator crystal, clock output, Timer1 oscillator output or analog input. Digital I/O. Oscillator crystal output or external clock source input. External clock source output. Timer1 oscillator output. Timer1 clock input. Analog input 3. Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: Placement of FLTA depends on the value of Configuration bit, FLTAMX, of CONFIG3H. 2: Placement of T1OSI and T1OSO/T1CKI depends on the value of Configuration bit, T1OSCMX, of CONFIG3H. |