công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F1230-E/SS bảng dữ liệu(PDF) 86 Page - Microchip Technology

tên linh kiện PIC18F1230-E/SS
Giải thích chi tiết về linh kiện  18/20/28-Pin, Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F1230-E/SS bảng dữ liệu(HTML) 86 Page - Microchip Technology

Back Button PIC18F1230-E/SS Datasheet HTML 82Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 83Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 84Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 85Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 86Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 87Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 88Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 89Page - Microchip Technology PIC18F1230-E/SS Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 312 page
background image
PIC18F1230/1330
DS39758B-page 84
Advance Information
© 2006 Microchip Technology Inc.
9.2
PORTB, TRISB and LATB
Registers
PORTB is an 8-bit wide, bidirectional port. The
corresponding data direction register is TRISB. Setting
a TRISB bit (= 1) will make the corresponding PORTB
pin an input (i.e., put the corresponding output driver in
a high-impedance mode). Clearing a TRISB bit (= 0)
will make the corresponding PORTB pin an output (i.e.,
put the contents of the output latch on the selected pin).
The Data Latch register (LATB) is also memory
mapped. Read-modify-write operations on the LATB
register read and write the latched output value for
PORTB.
EXAMPLE 9-2:
INITIALIZING PORTB
Each of the PORTB pins has a weak internal pull-up. A
single control bit can turn on all the pull-ups. This is
performed by clearing bit, RBPU (INTCON2<7>). The
weak pull-up is automatically turned off when the port
pin is configured as an output. The pull-ups are
disabled on a Power-on Reset.
Pins RB0, RB1 and RB4:RB7 are multiplexed with the
power control PWM outputs.
Pins RB2 and RB3 are multiplexed with external interrupt
inputs, interrupt-on-change input, the analog comparator
inputs and the Timer1 oscillator input and output to
become
RB2/INT2/KBI2/CMP2/T1OSO/T1CKI
and
RB3/INT3/KNBI3/CMP1/T1OSI respectively.
When the interrupt-on-change feature is enabled, only
pins configured as inputs can cause this interrupt to
occur (i.e., any RB2, RB3, RA0 and RA1 pin configured
as an output is excluded from the interrupt-on-change
comparison). The input pins (RB2, RB3, RA0 and RA1)
are compared with the old value latched on the last
read of PORTA and PORTB. The “mismatch” outputs of
these pins are ORed together to generate the RB Port
Change Interrupt with Flag bit, RBIF (INTCON<0>).
This interrupt can wake the device from Sleep mode, or
any of the Idle modes. The user, in the Interrupt Service
Routine, can clear the interrupt in the following manner:
a)
Any read or write of PORTA and/or PORTB
(except with the MOVFF (ANY), PORTA and
MOVFF (ANY), PORTB
instructions).
b)
Clear flag bit, RBIF.
A mismatch condition will continue to set flag bit, RBIF.
Reading PORTA and PORTB will end the mismatch
condition and allow flag bit, RBIF, to be cleared.
The interrupt-on-change feature is recommended for
wake-up on key depression operation and operations
where PORTA and PORTB are used for the interrupt-
on-change feature. Polling of PORTA and PORTB is
not recommended while using the interrupt-on-change
feature.
Note:
On
a
Power-on
Reset,
PORTB
is
configured as digital inputs except for RB2
and RB3.
RB2 and RB3 are configured as analog
inputs when the T1OSCMX bit of Configu-
ration Register 3H is cleared. Otherwise,
RB2 and RB3 are also configured as
digital inputs.
CLRF
PORTB
; Initialize PORTB by
; clearing output
; data latches
CLRF
LATB
; Alternate method
; to clear output
; data latches
MOVLW
0Fh
; Set RB<4:0> as
MOVWF
ADCON1
; digital I/O pins
; (required if config bit
; PBADEN is set)
MOVLW
0CFh
; Value used to
; initialize data
; direction
MOVWF
TRISB
; Set RB<3:0> as inputs
; RB<5:4> as outputs
; RB<7:6> as inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com