| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F616-E/ML bảng dữ liệu(PDF) 4 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PIC16F616-E/ML bảng dữ liệu(HTML) 4 Page - Cirrus Logic |
|
4 / 172 page ![]() PIC16F616/16HV616 DS41288A-page 2 Preliminary © 2006 Microchip Technology Inc. 14-Pin Diagram (PDIP, SOIC, TSSOP) TABLE 1: DUAL IN-LINE PIN SUMMARY Device Program Memory Data Memory I/O 10-bit A/D (ch) Comparators Timers 8/16-bit Voltage Range Flash (words) SRAM (bytes) PIC16F616 2048 128 11 8 2 2/1 2.0-5.5V PIC16HV616 2048 128 11 8 2 2/1 2.0-user defined I/O Pin Analog Comparators Timer CCP Interrupts Pull-ups Basic RA0 13 AN0 C1IN+ — — IOC Y ICSPDAT RA1 12 AN1/VREF C12IN0- — — IOC Y ICSPCLK RA2 11 AN2 C1OUT T0CKI — INT/IOC Y — RA3(1) 4— — — — IOC Y(2) MCLR/VPP RA4 3 AN3 — T1G — IOC Y OSC2/CLKOUT RA5 2 — — T1CKI — IOC Y OSC1/CLKIN RC0 10 AN4 C2IN+ — — — — — RC1 9 AN5 C12IN1- — — — — — RC2 8 AN6 C12IN2- — P1D — — — RC3 7 AN7 C12IN3- — P1C — — — RC4 6 — C2OUT — P1B — — — RC5 5 — — — CCP1/P1A — — — — 1 — — — — — — VDD —14 — — — — — — VSS Note 1: Input only. 2: Only when pin is configured for external MCLR. VDD RA5/T1CKI/OSC1/CLKIN RA4/AN3/T1G/OSC2/CLKOUT RA3/MCLR/VPP RC5/CCP1/P1A RC4/C2OUT/P1B RC3/AN7/C12IN3-/P1C VSS RA0/AN0/C1IN+/ICSPDAT RA1/AN1/C12IN0-/VREF/ICSPCLK RA2/AN2/T0CKI/INT/C1OUT RC0/AN4/C2IN+ RC1/AN5/C12IN1- RC2/AN6/C12IN2-/P1D 1 2 3 4 5 6 7 14 13 12 9 11 10 8 |