công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADE9430ACPZ-RL bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện ADE9430ACPZ-RL
Giải thích chi tiết về linh kiện  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADE9430ACPZ-RL bảng dữ liệu(HTML) 5 Page - Analog Devices

  ADE9430ACPZ-RL Datasheet HTML 1Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 2Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 3Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 4Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 5Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 6Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 7Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 8Page - Analog Devices ADE9430ACPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
Data Sheet
ADE9430
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 35
VDD = 2.97 V to 3.63 V, GND = AGND = DGND = 0 V, on-chip reference, CLKIN = 24.576 MHz crystal (XTAL), TMIN to TMAX = −40°C to +85°C,
and TA = 25°C (typical), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ACCURACY (MEASUREMENT ERROR PER PHASE)
Total Active Energy
0.1
%
Over a dynamic range of 5000 to 1, 10 sec accumulation
0.2
%
Over a dynamic range of 10,000 to 1, 20 sec accumulation
Total Reactive Energy
0.1
%
Over a dynamic range of 5000 to 1, 10 sec accumulation
0.2
%
Over a dynamic range of 10,000 to 1, 20 sec accumulation
Total Apparent Energy
0.1
%
Over a dynamic range of 1000 to 1, 2 sec accumulation
0.5
%
Over a dynamic range of 5000 to 1, 10 sec accumulation
Fundamental Active Energy
0.1
%
Over a dynamic range of 5000 to 1, 2 sec accumulation
0.2
%
Over a dynamic range of 10,000 to 1, 10 sec accumulation
Fundamental Reactive Energy
0.1
%
Over a dynamic range of 5000 to 1, 2 sec accumulation
0.2
%
Over a dynamic range of 10,000 to 1, 10 sec accumulation
Fundamental Apparent Energy
0.1
%
Over a dynamic range of 5000 to 1, 2 sec accumulation
0.5
%
Over a dynamic range of 10,000 to 1, 10 sec accumulation
IRMS and VRMS
0.1
%
Over a dynamic range of 1000 to 1
0.5
%
Over a dynamic range of 5000 to 1
Fundamental IRMS, VRMS
0.1
%
Over a dynamic range of 1000 to 1
0.5
%
Over a dynamic range of 5000 to 1
Active Power, VAR, VA
0.2
%
Over a dynamic range of 1000 to 1
0.4
%
Over a dynamic range of, 3000 to 1
Power Factor (PF) Error
±0.001
%
Over a dynamic range of 5000 to 1
128-Point per Line Cycle or 1024 Point over 10
Cycles Resampled Data
0.1
%
An FFT is performed to receive the magnitude response;
this error is the worst case error in the magnitude caused by
the resampling algorithm distortion; the input signal is 50 Hz
fundamental and ninth harmonic both at half of full scale
−72
dB
Amplitude of highest spur; input signal is 50 Hz fundamental
and ninth harmonic both at half of full scale
1.25
%
An FFT is performed to receive the magnitude response;
this error is the worst case error in the magnitude caused
by resampling algorithm distortion; input signal is 50 Hz
fundamental and 31st harmonic, both at half of full scale
−38
dB
Amplitude of highest spur; input signal is 50 Hz fundamental
and 31st harmonic, both at half of full scale
10 Cycle/12 Cycle IRMS and VRMS1
0.2
%
Data sourced before high-pass filter (HPF), no dc offset at
inputs, over a dynamic range of 100 to 1
VRMS and IRMS 1 Cycle
0.2%
%
Data sourced before HPF, no dc offset at inputs, over a
dynamic range of 100 to 1
Line Period Measurement
0.001
Hz
Resolution at 50 Hz
Current to Current, Voltage to Voltage, and Voltage
to Current Angle Measurement
0.018
Degrees
Resolution at 50 Hz
ADC
PGA Gain Settings (PGA_GAIN)
1, 2, or 4
V/V
PGA gain setting is referred to as the PGA_GAIN register
Differential Input Voltage Range (VxP to VxN, IxP to
IxN)
−1/Gain
+1/Gain
V
707 mV rms, when VREF = 1.25 V, this voltage corresponds
to 53 million codes
Maximum Operating Voltage on Analog Input Pins
(VxP, VxN, IxP, and IxN)
−0.6
+0.6
V
Voltage on the pin with respect to ground (GND = AGND =
DGND = REFGND)
Signal-to-Noise Ratio (SNR)2
PGA = 1
96
dB
32 kSPS, sinc4 output, input voltage (VIN) = −0.5 dB from
half of full scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com