công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLF642 bảng dữ liệu(PDF) 1 Page - Ampleon Netherlands B.V.

tên linh kiện BLF642
Giải thích chi tiết về linh kiện  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMPLEON [Ampleon Netherlands B.V.]
Trang chủ  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF642 bảng dữ liệu(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF642 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1. Product profile
1.1 General description
A 35 W LDMOS RF power transistor for broadcast transmitter and industrial applications.
The transistor is suitable for the frequency range HF to 1400 MHz. The excellent
ruggedness and broadband performance of this device makes it ideal for digital
applications.
1.2 Features and benefits
CW performance at 1300 MHz, a drain-source voltage VDS of 32 V and a quiescent
drain current IDq =0.2 A :
Average output power = 35 W
Power gain = 19 dB
Drain efficiency = 63 %
2-tone performance at 1300 MHz, a drain-source voltage VDS of 32 V and a quiescent
drain current IDq =0.2 A :
Average output power = 17.5 W
Power gain = 19 dB
Drain efficiency = 48 %
Intermodulation distortion =
28 dBc
Integrated ESD protection
Excellent ruggedness
High power gain
High efficiency
Excellent reliability
Easy power control
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
BLF642
Broadband power LDMOS transistor
Rev. 3 — 1 September 2015
Product data sheet
Table 1.
Typical performance
RF performance at Th = 25 C in a common source test circuit.
Mode of operation
f
VDS
PL
Gp
D
IMD
(MHz)
(V)
(W)
(dB)
(%)
(dBc)
CW, class-AB
1300
32
35
19
63
-
2-tone, class-AB
1300
32
17.5
19
48
28


Số phần tương tự - BLF642

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF642 NXP-BLF642 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
More results

Mô tả tương tự - BLF642

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
173Kb / 13P
Broadband power LDMOS transistor
Rev. 01-27 January 2010
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF640 PHILIPS-BLF640_15 Datasheet
195Kb / 12P
Broadband power LDMOS transistor
Rev. 2-11 April 2013
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
Broadband power LDMOS transistor
Rev. 2-22 July 2011
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
Broadband power LDMOS transistor
Rev. 2-27 June 2014
BLF647P PHILIPS-BLF647P_15 Datasheet
174Kb / 14P
Broadband power LDMOS transistor
Rev. 2-12 April 2013
logo
Ampleon Netherlands B.V...
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com