công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2MLL6 bảng dữ liệu(PDF) 100 Page - NXP Semiconductors

tên linh kiện SPC5643LFF2MLL6
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFF2MLL6 bảng dữ liệu(HTML) 100 Page - NXP Semiconductors

Back Button SPC5643LFF2MLL6 Datasheet HTML 96Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 97Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 98Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 99Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 100Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 101Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 102Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 103Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
100
3.17
SWG electrical characteristics
1 Repeated suspends at a high frequency may result in the operation timing out, and the flash module will
respond by completing the operation with a fail code (MCR[PEG] = 0), or the operation not able to finish
(MCR[DONE] = 1 during Program operation). The minimum time between suspends to ensure this does not
occur is TPSRT.
2 If Erase suspend rate is less than T
ESRT, an increase of slope voltage ramp occurs
during erase pulse. This improves erase time but reduces cycling figure due to
overstress
Table 28. Flash memory module life
No.
Symbol
Parameter
Value
Unit
Minimum Typical
Maximum
1
P/E
C Number of program/erase cycles per block for 16 KB, 48 KB,
and 64 KB blocks over the operating temperature range1
1 Operating temperature range is T
J from –40 °C to 150 °C. Typical endurance is evaluated at 25 °C. Product qualification
is performed to the minimum specification. For additional information on the Freescale definition of Typical Endurance,
please refer to Engineering Bulletin EB619, Typical Endurance for Nonvolatile Memory.
100000
—
—
cycles
2
P/E
C Number of program/erase cycles per block for 128 KB and
256 KB blocks over the operating temperature range1
1000
1000002
2 Typical P/E cycles is 100,000 cycles for 128 KB and 256 KB blocks. For additional information on the Freescale definition
of Typical Endurance, please refer to Engineering Bulletin EB619, Typical Endurance for Nonvolatile Memory.
—
cycles
3
Retention C Minimum data retention at 85 °C average ambient temperature3
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–10,000 P/E cycles
Blocks with 10,001–100,000 P/E cycles
3 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
20
10
5
—
—
—
—
—
—
years
Table 29.
MPC5643L SWG Specifications
Symbol
Parameter
Value
Minimum
Typical
Maximum
T
Input clock
12 MHz
16 MHz
20 MHz
T
Frequency Range
1kHz
—
50 kHz
T
Peak to Peak1
0.4 V
—
2.0V
T
Peak to Peak variation2
-6%
—
6%
T
Common Mode3
—
1.3 V
—
T
Common Mode variation
-6%
—
6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com