công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFF2MLL6 bảng dữ liệu(PDF) 22 Page - NXP Semiconductors

tên linh kiện SPC5643LFF2MLL6
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFF2MLL6 bảng dữ liệu(HTML) 22 Page - NXP Semiconductors

Back Button SPC5643LFF2MLL6 Datasheet HTML 18Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 19Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 20Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 21Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 22Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 23Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 24Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 25Page - NXP Semiconductors SPC5643LFF2MLL6 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Introduction
NXP Semiconductors
22
—EXTEST
—SAMPLE
— SAMPLE/PRELOAD
•
3 test data registers: a bypass register, a boundary scan register, and a device identification register. The size of the
boundary scan register is parameterized to support a variety of boundary scan chain lengths.
•
TAP controller state machine that controls the operation of the data registers, instruction register and associated
circuitry
1.5.40
Voltage regulator / Power Management Unit (PMU)
The on-chip voltage regulator module provides the following features:
•
Single external rail required
•
Single high supply required: nominal 3.3 V both for packaged and Known Good Die option
— Packaged option requires external ballast transistor due to reduced dissipation capacity at high temperature but
can use embedded transistor if power dissipation is maintained within package dissipation capacity (lower
frequency of operation)
— Known Good Die option uses embedded ballast transistor as dissipation capacity is increased to reduce system
cost
•
All I/Os are at same voltage as external supply (3.3 V nominal)
•
Duplicated Low-Voltage Detectors (LVD) to guarantee proper operation at all stages (reset, configuration, normal
operation) and, to maximize safety coverage, one LVD can be tested while the other operates (on-line self-testing
feature)
1.5.41
Built-In Self-Test (BIST) capability
This device includes the following protection against latent faults:
•
Boot-time Memory Built-In Self-Test (MBIST)
•
Boot-time scan-based Logic Built-In Self-Test (LBIST)
•
Run-time ADC Built-In Self-Test (BIST)
•
Run-time Built-In Self Test of LVDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com