công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFAMMM1 bảng dữ liệu(PDF) 99 Page - NXP Semiconductors

tên linh kiện SPC5643LFAMMM1
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMMM1 bảng dữ liệu(HTML) 99 Page - NXP Semiconductors

Back Button SPC5643LFAMMM1 Datasheet HTML 95Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 96Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 97Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 98Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 99Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 100Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 101Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 102Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 136 page
background image
Electrical characteristics
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
99
3.16
Flash memory electrical characteristics
4 During the sample time the input capacitance CS can be charged/discharged by the external source. The internal resistance
of the analog source must allow the capacitance to reach its final voltage level within tsample. After the end of the sample time
tsample, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock tsample depend
on programming.
5 This parameter does not include the sample time Tsample, but only the time for determining the digital result.
6 See Figure 8.
7 For the 144-pin package
8 No missing codes
Table 26. Flash memory program and erase electrical specifications
No.
Symbol
Parameter
Typ1
1 Typical program and erase times represent the median performance and assume nominal supply values
and operation at 25C. These values are characterized, but not tested.I
Initial
Max2
2 Initial Max program and erase times provide guidance for time-out limits used in the factory and apply for
<100 program/erase cycles, nominal supply values and operation at 25C. These values are verified at
production test.
Lifetime
Max3
3 Lifetime Max program and erase times apply across the voltage, temperature, and cycling range of product
life. These values are characterized, but not tested.
Unit
1TDWPROGRAM
*4
4 Program times are actual hardware programming times and do not include software overhead.
Double word (64 bits) program time4
30
—
500
µs
2TPPROGRAM
*4 Page(128 bits) program time4
40
160
500
µs
3T16KPPERASE
*4 16 KB block pre-program and erase time
250
1000
5000
ms
4T48KPPERASE
*4 48 KB block pre-program and erase time
400
1500
5000
ms
5T64KPPERASE
*4 64 KB block pre-program and erase time
450
1800
5000
ms
6T128KPPERASE
*4 128 KB block pre-program and erase time
800
2600
7500
ms
7T256KPPERASE
*4 256 KB block pre-program and erase time
1400 5200
15000
ms
Table 27. Flash memory timing
Symbol
Parameter
Value
Unit
Min
Typ
Max
TRES
D Time from clearing the MCR-ESUS or PSUS bit with EHV = 1
until DONE goes low
—
—
100
ns
TDONE
D Time from 0 to 1 transition on the MCR-EHV bit initiating a
program/erase until the MCR-DONE bit is cleared
——
5
ns
TPSRT
D Time between program suspend resume and the next program
suspend request.1
100
—
—
s
TESRT
D Time between erase suspend resume and the next erase
suspend request.2
10
ms
μ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com