công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPC5643LFAMMM1 bảng dữ liệu(PDF) 102 Page - NXP Semiconductors

tên linh kiện SPC5643LFAMMM1
Giải thích chi tiết về linh kiện  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMMM1 bảng dữ liệu(HTML) 102 Page - NXP Semiconductors

Back Button SPC5643LFAMMM1 Datasheet HTML 98Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 99Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 100Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 101Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 102Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 103Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 104Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 105Page - NXP Semiconductors SPC5643LFAMMM1 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
102
Figure 11. Pad output delay
3.19
Reset sequence
This section shows the duration for different reset sequences. It describes the different reset sequences and it specifies the start
conditions and the end indication for the reset sequences.
3.19.1
Reset sequence duration
Table 31 specifies the minimum and the maximum reset sequence duration for the five different reset sequences described in
Section 3.19.2, Reset sequence description.
3.19.2
Reset sequence description
The figures in this section show the internal states of the chip during the five different reset sequences. The doted lines in the
figures indicate the starting point and the end point for which the duration is specified in Table 31. The start point and end point
Table 31. RESET sequences
No.
Symbol
Parameter
Conditions
TReset
Unit
Min
Typ
Max1
1 The maximum value is applicable only if the reset sequence duration is not prolonged by an extended assertion of RESET
by an external reset generator.
1TDRB
CC
Destructive Reset Sequence, BIST enabled
28
34
39
ms
2TDR
CC
Destructive Reset Sequence, BIST disabled
—
500
4200
5000
μs
3TERLB
CC
External Reset Sequence Long, BIST enabled
28
32
37
ms
4TFRL
CC
Functional Reset Sequence Long
—
35
150
400
μs
5TFRS
CC
Functional Reset Sequence Short
—
1
4
10
μs
VDDE/2
VOH
VOL
Rising
Edge
Output
Delay
Falling
Edge
Output
Delay
Pad
Data Input
Pad
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com