| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5606BAVLL4R bảng dữ liệu(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5606BAVLL4R bảng dữ liệu(HTML) 69 Page - NXP Semiconductors |
|
69 / 114 page ![]() Electrical characteristics MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 69 Figure 12. Fast external crystal oscillator (4 to 16 MHz) timing diagram Table 37. Fast external crystal oscillator (4 to 16 MHz) electrical characteristics Symbol C Parameter Conditions1 Value Unit Min Typ Max fFXOSC SR — Fast external crystal oscillator frequency —4.0 — 16.0 MHz gmFXOSC CC C Fast external crystal oscillator transconductance VDD = 3.3 V ± 10%, PAD3V5V = 1 OSCILLATOR_MARGIN = 0 2.2 — 8.2 mA/V CC P VDD = 5.0 V ± 10%, PAD3V5V = 0 OSCILLATOR_MARGIN = 0 2.0 — 7.4 CC C VDD = 3.3 V ± 10%, PAD3V5V = 1 OSCILLATOR_MARGIN = 1 2.7 — 9.7 CC C VDD = 5.0 V ± 10%, PAD3V5V = 0 OSCILLATOR_MARGIN = 1 2.5 — 9.2 VFXOSC CC T Oscillation amplitude at EXTAL fOSC =4MHz, OSCILLATOR_MARGIN = 0 1.3 — — V fOSC =16MHz, OSCILLATOR_MARGIN = 1 1.3 — — VFXOSCOP CC C Oscillation operating point — — 0.95 — V IFXOSC 2 CC T Fast external crystal oscillator consumption —— 2 3 mA VMXOSCOP TMXOSCSU VXTAL VMXOSC valid internal clock 90% 10% 1/fMXOSC S_MTRANS bit (ME_GS register) 1 0 |