| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5606BAVLL4R bảng dữ liệu(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5606BAVLL4R bảng dữ liệu(HTML) 44 Page - NXP Semiconductors |
|
44 / 114 page ![]() MPC5607B Microcontroller Data Sheet, Rev. 10 Electrical characteristics NXP Semiconductors 44 • Table 17 provides output driver characteristics for I/O pads when in SLOW configuration. • Table 18 provides output driver characteristics for I/O pads when in MEDIUM configuration. • Table 19 provides output driver characteristics for I/O pads when in FAST configuration. Table 16. I/O pull-up/pull-down DC electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. Value Unit Min Typ Max |IWPU| CC P Weak pull-up current absolute value VIN = VIL, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA C PAD3V5V = 12 2 The configuration PAD3V5 = 1 when V DD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. 10 — 250 PVIN = VIL, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 |IWPD| CC P Weak pull-down current absolute value VIN = VIH, VDD = 5.0 V ± 10% PAD3V5V = 0 10 — 150 µA C PAD3V5V = 1 10 — 250 PVIN = VIH, VDD = 3.3 V ± 10% PAD3V5V = 1 10 — 150 Table 17. SLOW configuration output buffer electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value Unit Min Typ Max VOH CC P Output high level SLOW configuration Push Pull IOH = −2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) 0.8VDD —— V CIOH = −2mA, VDD = 5.0 V ± 10%, PAD3V5V = 12 0.8VDD —— CIOH = −1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) VDD − 0.8 — — VOL CC P Output low level SLOW configuration Push Pull IOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) — — 0.1VDD V CIOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 12 — — 0.1VDD CIOL = 1 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) —— 0.5 |