| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC5643LFAMLL6 bảng dữ liệu(PDF) 135 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SPC5643LFAMLL6 bảng dữ liệu(HTML) 135 Page - NXP Semiconductors |
|
135 / 136 page ![]() Document revision history MPC5643L Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 135 9 12 June 2013 • Updated Table 18 — added Digital supply low voltage detector lower threshold and Digital supply low voltage detector upper threshold — Updated Main High Voltage Power-Low Voltage Detection value to 2.93 V • Replaced IEC with ISO26262 in Section 1.1, “Document overview • Table 1-removed KGD • Table 24 modified fRC values • Updated Table 26 • Updated Table 25-tconv to teval and associated footnote • Updated Table 19 — added VIH footnote — Updated IOL, IOH value for Fast pads • Updated Table 31-TDRB and TELRB • Updated Table 18-combined ESR of external capacitor values • Updated Section 3.15.1, “Input Impedance and ADC Accuracy -replaced fc by fs • Table 6-added footnote to RESET pin about weak pull down • Updated Injection current information in Table 19-IINJ, Table 8-footnote 4 • Updated Table 20 for the following: — specified oscillator bypass mode and crystal oscillator mode — Updated STOP and HALT mode values — Added IDD_HV_PMU — footnote 2, footnote 3 • Added footnote VDD_HV_ADRx must always be applied and should be stable before LBIST starts. to Table 9 • Added footnote to Section 5, “Ordering information • Edit changes to Section 3.5, “Electromagnetic Interference (EMI) characteristics • Updated Equation 16 10 18 October 2021 •In Table 40, added Fab and Masking information Table 41. Revision history (continued) Revision Date Description of changes |