công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360ECVVALDGA bảng dữ liệu(PDF) 101 Page - NXP Semiconductors

tên linh kiện MPC8360ECVVALDGA
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALDGA bảng dữ liệu(HTML) 101 Page - NXP Semiconductors

Back Button MPC8360ECVVALDGA Datasheet HTML 94Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 95Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 96Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 97Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 98Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 99Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 100Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 101Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 102Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
101
Part Numbers Fully Addressed by this Document
3
03/2010
• Changed references to RCWH[PCICKEN] to RCWH[PCICKDRV].
•In Table 2, added extended temperature characteristics.
• Added Figure 6, “DDR Input Timing Diagram.”
• In Figure 53, “Mechanical Dimensions and Bottom Surface Nomenclature of the TBGA Package,”
removed watermark.
• Updated the title of Table 19,”DDR SDRAM Input AC Timing Specifications.”
•In Table 20, “DDR and DDR2 SDRAM Input AC Timing Specifications Mode,” changed table subtitle.
•In Table 27–Table 30, and Table 33—Table 34, changed the rise and fall time specifications to reference
20–80% and 80–20% of the voltage supply, respectively.
•In Table 38, “IEEE 1588 Timer AC Specifications,” changed first parameter to “Timer clock frequency.”
•In Table 45, “I2C AC Electrical Specifications,” changed units to “ns” for tI2DVKH.
•In Table 66, “MPC8360E TBGA Pinout Listing,” and Table 67 “MPC8358E TBGA Pinout Listing, added
note 7: “This pin must always be tied to GND” to the TEST pin and added a note to SPARE1 stating: “This
pin must always be left not connected.”
•In Section 4, “Clock Input Timing,” added note regarding rise/fall time on QUICC Engine block input pins.
• Added Section 4.3, “Gigabit Reference Clock Input Timing.”
• Updated Section 8.1.1, “10/100/1000 Ethernet DC Electrical Characteristics.”
•In Section 20.3, “Pinout Listings,” added sentence stating “Refer to AN3097, ‘MPC8360/MPC8358E
PowerQUICC Design Checklist,’ for proper pin termination and usage.”
•In Section 21, “Clocking,” removed statement: “The OCCR[PCICDn] parameters select whether CLKIN
or CLKIN/2 is driven out on the PCI_CLK_OUTn signals.”
•In Section 21.1, “System PLL Configuration,” updated the system VCO frequency conditions.
•In Table 80, added extended temperature characteristics.
2
12/2007 Initial release.
Table 82. Revision History (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com