công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8360ECVVALDGA bảng dữ liệu(PDF) 27 Page - NXP Semiconductors

tên linh kiện MPC8360ECVVALDGA
Giải thích chi tiết về linh kiện  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8360ECVVALDGA bảng dữ liệu(HTML) 27 Page - NXP Semiconductors

Back Button MPC8360ECVVALDGA Datasheet HTML 23Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 24Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 25Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 26Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 27Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 28Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 29Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 30Page - NXP Semiconductors MPC8360ECVVALDGA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
27
GMII, MII, RMII, TBI, RGMII, and RTBI AC Timing Specifications
8.2.1.1
GMII Transmit AC Timing Specifications
This table provides the GMII transmit AC timing specifications.
This figure shows the GMII transmit AC timing diagram.
Figure 10. GMII Transmit AC Timing Diagram
Table 27. GMII Transmit AC Timing Specifications
At recommended operating conditions with LVDD/OVDD of 3.3 V ± 10%.
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
GTX_CLK clock period
tGTX
—8.0
—
ns
—
GTX_CLK duty cycle
tGTXH/tGTX
40
—
60
%
—
GTX_CLK to GMII data TXD[7:0], TX_ER, TX_EN delay
tGTKHDX
tGTKHDV
0.5
—
——
5.0
ns
3
GTX_CLK clock rise time, (20% to 80%)
tGTXR
——
1.0
ns
—
GTX_CLK clock fall time, (80% to 20%)
tGTXF
——
1.0
ns
—
GTX_CLK125 clock period
tG125
—8.0
—
ns
2
GTX_CLK125 reference clock duty cycle measured at
LVDD/2
tG125H/tG125
45
—
55
%
2
Notes:
1. The symbols used for timing specifications follow the pattern t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tGTKHDV symbolizes GMII
transmit timing (GT) with respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input
signals (D) reaching the valid state (V) to state or setup time. Also, tGTKHDX symbolizes GMII transmit timing (GT) with
respect to the tGTX clock reference (K) going to the high state (H) relative to the time date input signals (D) going invalid (X)
or hold time. Note that, in general, the clock reference symbol representation is based on three letters representing the clock
of a particular functional. For example, the subscript of tGTX represents the GMII(G) transmit (TX) clock. For rise and fall
times, the latter convention is used with the appropriate letter: R (rise) or F (fall).
2. This symbol is used to represent the external GTX_CLK125 signal and does not follow the original symbol naming
convention.
3. In rev. 2.0 silicon, due to errata, tGTKHDX minimum and tGTKHDV maximum are not supported when the GTX_CLK is
selected. Refer to Errata QE_ENET18 in Chip Errata for the MPC8360E, Rev. 1.
GTX_CLK
TXD[7:0]
tGTKHDX
tGTX
tGTXH
tGTXR
tGTXF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com