| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC7410EC bảng dữ liệu(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC7410EC bảng dữ liệu(HTML) 55 Page - NXP Semiconductors |
|
55 / 56 page ![]() MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1 Freescale Semiconductor 55 Ordering Information 10.3 Part Marking Parts are marked as the example shown in Figure 31. Figure 31. Part Marking for HCTE_CBGA Device HCTE_CBGA MPC7410 HXnnnLE MMMMMM AWLYYWWA 7410 Notes: CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States. MMMMMM is the 6-digit mask number. AWLYYWWA is the traceability code. |