| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC7410EC bảng dữ liệu(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC7410EC bảng dữ liệu(HTML) 25 Page - NXP Semiconductors |
|
25 / 56 page ![]() MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1 Freescale Semiconductor 25 Pinout Listings Figure 16. Pinout of the MPC7410, 360 CBGA and 360 HCTE Packages as Viewed from the Top Surface 6 Pinout Listings Table 12 provides the pinout listing for the MPC7410 360 CBGA, 360 HCTE packages. Table 12. Pinout Listing for the MPC7410, 360 CBGA and 360 HCTE Packages Signal Name Pin Number Active I/O I/F Select 1 Notes A[0:31] A13, D2, H11, C1, B13, F2, C13, E5, D13, G7, F12, G3, G6, H2, E2, L3, G5, L4, G4, J4, H7, E1, G2, F3, J7, M3, H3, J2, J6, K3, K2, L2 High I/O BVSEL AACK N3 Low Input BVSEL — ABB L7 Low Output BVSEL 12, 16 AP[0:3] C4, C5, C6, C7 High I/O BVSEL — ARTRY L6 Low I/O BVSEL — AVDD A8 — Input VDD — BG H1 Low Input BVSEL — BR E7 Low Output BVSEL — BVSEL W1 High Input N/A 1, 3, 8, 9, 14 CHK K11 Low Input BVSEL 2, 8, 9 CI C2 Low I/O BVSEL — CKSTP_IN B8 Low Input BVSEL — CKSTP_OUT D7 Low Output BVSEL — CLK_OUT E3 High Output BVSEL — DBB K5 Low Output BVSEL 12, 16 DBG K1 Low Input BVSEL — DH[0:31] W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7, P9, W9, R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5, U5, W4, P7, V5, V4, W3, U4, R5 High I/O BVSEL — View Part C Die Substrate Assembly Encapsulant LGA Package |