công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP79510-I/MS bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MCP79510-I/MS
Giải thích chi tiết về linh kiện  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79510-I/MS bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MCP79510-I/MS Datasheet HTML 2Page - Microchip Technology MCP79510-I/MS Datasheet HTML 3Page - Microchip Technology MCP79510-I/MS Datasheet HTML 4Page - Microchip Technology MCP79510-I/MS Datasheet HTML 5Page - Microchip Technology MCP79510-I/MS Datasheet HTML 6Page - Microchip Technology MCP79510-I/MS Datasheet HTML 7Page - Microchip Technology MCP79510-I/MS Datasheet HTML 8Page - Microchip Technology MCP79510-I/MS Datasheet HTML 9Page - Microchip Technology MCP79510-I/MS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 6
 2012-2022 Microchip Technology Inc.and its subsidiaries
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I): TA = -40°C to +85°C VCC = 1.8V to 3.6V
Param.
No.
Symbol
Characteristic
Minimum Typical Maximum Units
Test Conditions
1FCLK
Clock Frequency
—
—
5
MHz
2.5V ≤
Vcc < 3.6V
—
—
3
MHz
1.8V ≤
Vcc < 2.5V
2TCSS
CS Setup Time
100
—
—
ns
2.5V ≤
Vcc < 3.6V
150
—
—
ns
1.8V ≤
Vcc < 2.5V
3TCSH
CS Hold Time
100
—
—
ns
2.5V ≤
Vcc < 3.6V
150
—
—
ns
1.8V ≤
Vcc < 2.5V
4TCSD
CS Disable Time
50
—
—
ns
5TSU
Data Setup Time
20
—
—
ns
2.5V ≤
Vcc < 3.6V
30
—
—
ns
1.8V ≤
Vcc < 2.5V
6THD
Data Hold Time
40
—
—
ns
2.5V ≤
Vcc < 3.6V
50
—
—
ns
1.8V ≤
Vcc < 2.5V
7TR
SCK Rise Time
—
—
100
ns
Note 1
8TF
SCK Fall Time
—
—
100
ns
Note 1
9THI
Clock High Time
100
—
—
ns
2.5V ≤
Vcc < 3.6V
150
—
—
ns
1.8V ≤
Vcc < 2.5V
10
TLO
Clock Low Time
100
—
—
ns
2.5V ≤
Vcc < 3.6V
150
—
—
ns
1.8V ≤
Vcc < 2.5V
11
TCLD
Clock Delay Time
50
—
—
ns
12
TCLE
Clock Enable Time
50
—
—
ns
13
TV
Output Valid from Clock
Low
—
—
100
ns
2.5V ≤
Vcc < 3.6V
—
—
160
ns
1.8V ≤
Vcc < 2.5V
14
THO
Output Hold Time
0
—
ns
Note 1
15
TDIS
Output Disable Time
—
—
80
ns
2.5V ≤
Vcc < 3.6V (Note 1)
—
—
160
ns
1.8V ≤
Vcc < 2.5V (Note 1)
16
TWC
Internal Write Cycle Time
—
—
5
ms
Note 2
17
TFVCC
VCC Fall Time
300
—
—
µs
Note 1
18
TRVCC
VCC Rise Time
0
—
—
µs
Note 1
19
FOSC
Oscillator Frequency
—
32.768
—
kHz
20
TOSF
Oscillator Timeout Period
—
1
—
ms
Note 1
21
Endurance
1M
—
—
E/W
cycles
Page Mode, +25°C
VCC = 3.6V (Note 1)
Note 1: This parameter is not tested but ensured by characterization.
2: TWC begins on the rising edge of CS after a valid write sequence and ends when the internal write cycle
is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com