công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2908060 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 2908060
Giải thích chi tiết về linh kiện  Output signal conditioner - MACX MCR-EX-IDS-I-I
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908060 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  2908060 Datasheet HTML 1Page - PHOENIX CONTACT 2908060 Datasheet HTML 2Page - PHOENIX CONTACT 2908060 Datasheet HTML 3Page - PHOENIX CONTACT 2908060 Datasheet HTML 4Page - PHOENIX CONTACT 2908060 Datasheet HTML 5Page - PHOENIX CONTACT 2908060 Datasheet HTML 6Page - PHOENIX CONTACT 2908060 Datasheet HTML 7Page - PHOENIX CONTACT 2908060 Datasheet HTML 8Page - PHOENIX CONTACT 2908060 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
https://www.phoenixcontact.com/pi/products/2908060
03/25/2022   Page 2 / 15
Output signal conditioner - MACX MCR-EX-IDS-I-I - 2908060
Technical data
Ambient conditions
Ambient temperature (operation)
-40 °C ... 70 °C
Rated insulation voltage
320 V (Power supply, input / output)
Description
Ex applications
Altitude
≤ 3000 m
Ambient temperature (operation)
-40 °C ... 60 °C
Rated insulation voltage
190 V (Power supply, input / output)
Description
Ex applications
Altitude
≤ 4000 m
Ambient temperature (operation)
-40 °C ... 55 °C
Rated insulation voltage
63 V (Power supply, input / output)
Description
Ex applications
Altitude
≤ 5000 m
Ambient temperature (operation)
-40 °C ... 45 °C
Rated insulation voltage
63 V (Power supply, input / output)
Description
Non-Ex applications (EN 61010-1)
Altitude
≤ 2000 m (For use at altitudes ≥2000 m above sea level, see data
sheet.)
Ambient temperature (operation)
-40 °C ... 70 °C
Rated insulation voltage
300 V (Power supply, input / output)
Description
Non-Ex applications (EN 61010-1)
Altitude
≤ 3000 m
Ambient temperature (operation)
-40 °C ... 60 °C
Rated insulation voltage
150 V (Power supply, input / output)
Description
Non-Ex applications (EN 61010-1)
Altitude
≤ 4000 m
Ambient temperature (operation)
-40 °C ... 55 °C
Rated insulation voltage
150 V (Power supply, input / output)
Description
Non-Ex applications (EN 61010-1)
Altitude
≤ 5000 m
Ambient temperature (operation)
-40 °C ... 45 °C
Rated insulation voltage
150 V (Power supply, input / output)
Input data
Designation
Current input
Current input signal
0 mA ... 20 mA (Function (short-circuit detection off))
0.2 mA ... 20 mA (Function (short-circuit detection on))
4 mA ... 20 mA (Safety)
0 mA ... 24 mA (Underload/overload range)
Input impedance
> 1 MΩ (If there is a line fault)
Line fault detection
> 0.2 mA (Response threshold of input current)
Voltage drop
< 2.4 V (at 20 mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com