công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BSP00ZM bảng dữ liệu(PDF) 2 Page - Balluff Korea Ltd.

tên linh kiện BSP00ZM
Giải thích chi tiết về linh kiện  Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BALLUFF [Balluff Korea Ltd.]
Trang chủ  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSP00ZM bảng dữ liệu(HTML) 2 Page - Balluff Korea Ltd.

  BSP00ZM Datasheet HTML 1Page - Balluff Korea Ltd. BSP00ZM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pressure Sensors
BSP B002-ZT009-P00S2B-S4-006
Order Code: BSP00ZM
Internet
www.balluff.com
eCl@ss 9.1: 27-20-13-02
Subject to change without notice: 266122
ETIM 6.0: EC000243
BSP00ZM_0.55_2021-08-31
2 / 2
Material
Connector housing, material
1.4301 stainless steel
Housing material
1.4301 stainless steel
PE, High-density polyethylene
Measuring cell, material
1.4435 stainless steel
Process connection material
1.4404 stainless steel
Transmission medium
Food grade oil
Mechanical data
Process connection
1 1/2" Tri Clamp
Weight
350.00 g
Range/Distance
Accuracy
±0.5 % FSO BFSL
Burst pressure
15 bar
Long-term stability max.
0.15 % FSO/year
Measuring range
0...2 bar
Overload pressure
10 bar
Repeat accuracy
≤ ± 0.2 % FSO
Resolution
≤ 14 bits
Response time max.
13 ms
Sampling rate
1 ms
Remarks
vacuum-tight
3.1 Acceptance test certificate per EN 10204
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams
Out 1=PNP/NPN/IO-Link
Out 2=PNP/NPN/4…20 mA/0…10 V



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com