công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2431BSDFHIALVR bảng dữ liệu(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM2431BSDFHIALVR
Giải thích chi tiết về linh kiện  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM2431BSDFHIALVR bảng dữ liệu(HTML) 77 Page - Texas Instruments

Back Button AM2431BSDFHIALVR Datasheet HTML 73Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 74Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 75Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 76Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 77Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 78Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 79Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 80Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 242 page
background image
Table 6-46. I2C2 Signal Descriptions
Signal Name [1] ((1))
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
I2C2_SCL
IOD
I2C Clock
C13, P19
B7
I2C2_SDA
IOD
I2C Data
D14, R21
(1)
The I2C2 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces and
Signals for additional details.
Table 6-47. I2C3 Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
I2C3_SCL
IOD
I2C Clock
C17
B14
I2C3_SDA
IOD
I2C Data
D17
A15
MCU Domain Instances
Table 6-48. MCU_I2C0 Signal Descriptions
Signal Name [1] ((1))
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
E9
MCU_I2C0_SDA
IOD
I2C Data
A10
(1)
The MCU_I2C0 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
Table 6-49. MCU_I2C1 Signal Descriptions
Signal Name [1] ((1))
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCU_I2C1_SCL
IOD
I2C Clock
A11
MCU_I2C1_SDA
IOD
I2C Data
B10
(1)
The MCU_I2C1 interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported
Interfaces and Signals for additional details.
6.3.14 MCAN
MAIN Domain Instances
Table 6-50. MCAN0 Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCAN0_RX
I
MCAN Receive Data
B17
A14
MCAN0_TX
O
MCAN Transmit Data
A17
B13
Table 6-51. MCAN1 Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
MCAN1_RX
I
MCAN Receive Data
D17
A15
MCAN1_TX
O
MCAN Transmit Data
C17
B14
6.3.15 SPI (MCSPI)
MAIN Domain Instances
Table 6-52. MCSPI0 Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
SPI0_CLK
IO
SPI Clock
D13
B8
SPI0_CS0 (1)
IO
SPI Chip Select 0
D12
SPI0_CS1
IO
SPI Chip Select 1
C13
B7
SPI0_CS2
IO
SPI Chip Select 2
B16
B9
SPI0_CS3
IO
SPI Chip Select 3
A16
A9
SPI0_D0
IO
SPI Data 0
A13
A8
www.ti.com
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com