công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM2431BSDFHIALVR bảng dữ liệu(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện AM2431BSDFHIALVR
Giải thích chi tiết về linh kiện  AM243x Sitara??Microcontrollers
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM2431BSDFHIALVR bảng dữ liệu(HTML) 67 Page - Texas Instruments

Back Button AM2431BSDFHIALVR Datasheet HTML 63Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 64Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 65Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 66Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 67Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 68Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 69Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 70Page - Texas Instruments AM2431BSDFHIALVR Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 242 page
background image
Table 6-35. FSI2 RX Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
FSI_RX2_CLK
I
FSI Reciever Clock
T20
R21
FSI_RX2_D0
I
FSI Receiver Data 0
U21
R20
FSI_RX2_D1
I
FSI Receiver Data 1
T18
T19
Table 6-36. FSI3 RX Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
FSI_RX3_CLK
I
FSI Reciever Clock
U20
V21
FSI_RX3_D0
I
FSI Receiver Data 0
U18
U21
FSI_RX3_D1
I
FSI Receiver Data 1
U19
T20
Table 6-37. FSI4 RX Signal Descriptions
Signal Name [1] ((1))
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
FSI_RX4_CLK
I
FSI Reciever Clock
R17
FSI_RX4_D0
I
FSI Receiver Data 0
V20
T18
FSI_RX4_D1
I
FSI Receiver Data 1
V21
U19
(1)
The FSI4 RX interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
Table 6-38. FSI5 RX Signal Descriptions
Signal Name [1] ((1))
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
FSI_RX5_CLK
I
FSI Reciever Clock
P16
FSI_RX5_D0
I
FSI Receiver Data 0
R18
FSI_RX5_D1
I
FSI Receiver Data 1
T21
(1)
The FSI5 RX interface is not supported by the AM243x_ALX device package. See AM243x_ALX Package - Unsupported Interfaces
and Signals for additional details.
6.3.11 GPIO
MAIN Domain Instances
Table 6-39. GPIO0 Signal Descriptions
Signal Name [1]
Signal Type [2]
Description [3]
ALV PIN [4]
ALX PIN [4]
GPIO0_0
IO
General Purpose Input/Output
N20
P20
GPIO0_1
IO
General Purpose Input/Output
N21
M21
GPIO0_2
IO
General Purpose Input/Output
N19
P17
GPIO0_3
IO
General Purpose Input/Output
M19
L19
GPIO0_4
IO
General Purpose Input/Output
M18
N20
GPIO0_5
IO
General Purpose Input/Output
M20
L21
GPIO0_6
IO
General Purpose Input/Output
M21
N19
GPIO0_7 (1)
IO
General Purpose Input/Output
P21
GPIO0_8 (1)
IO
General Purpose Input/Output
P20
GPIO0_9 (1)
IO
General Purpose Input/Output
N18
GPIO0_10 (1)
IO
General Purpose Input/Output
M17
GPIO0_11
IO
General Purpose Input/Output
L19
L20
GPIO0_12
IO
General Purpose Input/Output
L18
M20
GPIO0_13 (1)
IO
General Purpose Input/Output
K17
GPIO0_14 (1)
IO
General Purpose Input/Output
L17
GPIO0_15
IO
General Purpose Input/Output
T20
R21
GPIO0_16
IO
General Purpose Input/Output
U21
R20
GPIO0_17
IO
General Purpose Input/Output
T18
T19
GPIO0_18
IO
General Purpose Input/Output
U20
V21
GPIO0_19
IO
General Purpose Input/Output
AA14
AA14
www.ti.com
AM2434, AM2432, AM2431
SPRSP65C – APRIL 2021 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com