công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602CKCLL4R bảng dữ liệu(PDF) 58 Page - NXP Semiconductors

tên linh kiện MPC5602CKCLL4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CKCLL4R bảng dữ liệu(HTML) 58 Page - NXP Semiconductors

Back Button MPC5602CKCLL4R Datasheet HTML 54Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 55Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 56Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 57Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 58Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 59Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 60Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 61Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
58
2.18
Power consumption
Table 27 provides DC electrical characteristics for significant application modes. These values are
indicative values; actual consumption depends on the application.
Table 27. Power consumption on VDD_BV and VDD_HV
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
IDDMAX
2
2 I
DDMAX is drawn only from the VDD_BV pin. Running consumption does not include I/Os toggling which is highly
dependent on the application. The given value is thought to be a worst case value with all peripherals running, and
code fetched from code flash while modify operation ongoing on data flash. Notice that this value can be significantly
reduced by application: switch off not used peripherals (default), reduce peripheral frequency through internal
prescaler, fetch from RAM most used functions, use low power mode when possible.
CC D RUN mode maximum
average current
——
115
1403
3 Higher current may be sinked by device during power-up and standby exit. Please refer to in rush current on Table 25.
mA
IDDRUN
4
4 I
DDRUN is drawn only from the VDD_BV pin. RUN current measured with typical application with accesses on both flash
and RAM.
CC T RUN mode typical average
current5
fCPU = 8 MHz
—
7
—
mA
TfCPU = 16 MHz
—
18
—
TfCPU = 32 MHz
—
29
—
PfCPU = 48 MHz
—
40
100
PfCPU = 64 MHz
—
51
125
IDDHALT
CC C HALT mode current6
Slow internal RC oscillator
(128 kHz) running
TA =25°C
—
8
15
mA
PTA = 125 °C
—
14
25
IDDSTOP
CC P STOP mode current7
Slow internal RC oscillator
(128 kHz) running
TA =25°C
—
180
7008
µA
DTA =55°C
—
500
—
DTA =85°C
—
1
68
mA
DTA = 105 °C
—
2
98
PTA = 125 °C
—
4.5
128
IDDSTDBY2 CC P STANDBY2 mode current
9 Slow internal RC oscillator
(128 kHz) running
TA = 25 °C
—
30
100
µA
DTA =55°C
—
75
—
DTA = 85 °C
—
180
700
DTA = 105 °C
—
315
1000
PTA = 125 °C
—
560
1700
IDDSTDBY1 CC T STANDBY1 mode
current10
Slow internal RC oscillator
(128 kHz) running
TA = 25 °C
—
20
60
µA
DTA =55°C
—
45
—
DTA = 85 °C
—
100
350
DTA = 105 °C
—
165
500
DTA = 125 °C
—
280
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com