công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5602CKCLL4R bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện MPC5602CKCLL4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CKCLL4R bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button MPC5602CKCLL4R Datasheet HTML 31Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 32Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 33Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 34Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 35Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 36Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 37Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 38Page - NXP Semiconductors MPC5602CKCLL4R Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
35
Table 13. Recommended operating conditions (5.0 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
1
SR Voltage on VDD_HV pins with respect to
ground (VSS)
—4.5
5.5
V
Voltage drop2
3.0
5.5
VSS_LV
3
SR Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground (VSS)
—VSS−0.1
VSS+0.1
V
VDD_BV
4
SR Voltage on VDD_BV pin (regulator supply)
with respect to ground (VSS)
—4.5
5.5
V
Voltage drop2
3.0
5.5
Relative to VDD
VDD−0.1 VDD+0.1
VSS_ADC
SR Voltage on VSS_HV_ADC (ADC reference)
pin with respect to ground (VSS
—VSS−0.1
VSS+0.1
V
VDD_ADC
5
SR Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
—4.5
5.5
V
Voltage drop2
3.0
5.5
Relative to VDD
VDD−0.1 VDD+0.1
VIN
SR Voltage on any GPIO pin with respect to
ground (VSS)
—VSS−0.1
—
V
Relative to VDD
—VDD+0.1
IINJPAD
SR Injected input current on any pin during
overload condition
—
−55
mA
IINJSUM
SR Absolute sum of all injected input currents
during overload condition
—
−50
50
TVDD
SR VDD slope to ensure correct power up
6
—3.07
0.25 V/µs
V/s
TA C-Grade Part
SR Ambient temperature under bias
fCPU
≤ 64 MHz
−40
85
°C
TJ C-Grade Part
SR Junction temperature under bias
−40
110
TA V-Grade Part
SR Ambient temperature under bias
−40
105
TJ V-Grade Part
SR Junction temperature under bias
−40
130
TA M-Grade Part
SR Ambient temperature under bias
−40
125
TJ M-Grade Part
SR Junction temperature under bias
−40
150
1 100 nF capacitance needs to be provided between each V
DD/VSS pair.
2 Full device operation is guaranteed by design when the voltage drops below 4.5 V down to 3.0 V. However, certain
analog electrical characteristics will not be guaranteed to stay within the stated limits.
3 330 nF capacitance needs to be provided between each V
DD_LV/VSS_LV supply pair.
4 100 nF capacitance needs to be provided between V
DD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
5 1 µF (electrolithic/tantalum) + 47 nF (ceramic) capacitance needs to be provided between V
DD_ADC/VSS_ADC pair.
Another ceramic cap of 10 nF with low inductance package can be added.
6 Guaranteed by device validation.
7 Minimum value of TV
DD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com