công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5604CFMLH4R bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện MPC5604CFMLH4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604CFMLH4R bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  MPC5604CFMLH4R Datasheet HTML 1Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 2Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 3Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 4Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 5Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 6Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 7Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 8Page - NXP Semiconductors MPC5604CFMLH4R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 109 page
background image
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family members, and highlights important electrical and physical
characteristics of the device. To ensure a complete understanding of the device functionality, refer also to the device reference manual and errata sheet.
1.2
Description
The MPC5604B/C is a family of next generation microcontrollers built on the Power Architecture® embedded category.
The MPC5604B/C family of 32-bit microcontrollers is the latest achievement in integrated automotive application controllers. It belongs to an expanding family
of automotive-focused products designed to address the next wave of body electronics applications within the vehicle. The advanced and cost-efficient host
processor core of this automotive controller family complies with the Power Architecture embedded category and only implements the VLE (variable-length
encoding) APU, providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized for low power
consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and is supported with software drivers, operating
systems and configuration code to assist with users implementations.
Table 1. MPC5604B/C device comparison1
Feature
Device
MPC56
02BxLH
MPC56
02BxLL
MPC56
02BxLQ
MPC56
02CxLH
MPC56
02CxLL
MPC56
03BxLH
MPC56
03BxLL
MPC56
03BxLQ
MPC56
03CxLH
MPC56
03CxLL
MPC56
04BxLH
MPC56
04BxLL
MPC56
04BxLQ
MPC56
04CxLH
MPC56
04CxLL
MPC5604
BxMG
CPU
e200z0h
Execution
speed2
Static – up to 64 MHz
Code Flash
256 KB
384 KB
512 KB
Data Flash
64 KB (4 × 16 KB)
RAM
24 KB
32KB
28KB
40KB
32KB
48 KB
MPU
8-entry
ADC (10-bit)
12 ch
28 ch
36 ch
8 ch
28 ch
12 ch
28 ch
36 ch
8 ch
28 ch
12 ch
28 ch
36 ch
8 ch
28 ch
36 ch
CTU
Yes
Total timer
I/O3 eMIOS
12 ch,
16-bit
28 ch,
16-bit
56 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
56 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
56 ch,
16-bit
12 ch,
16-bit
28 ch,
16-bit
56 ch,
16-bit
• PWM + MC
+ IC/OC4
2 ch
5 ch
10 ch
2 ch
5 ch
2 ch
5 ch
10 ch
2 ch
5 ch
2 ch
5 ch
10 ch
2 ch
5 ch
10 ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com