công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XTPS565247DRLR bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện XTPS565247DRLR
Giải thích chi tiết về linh kiện  TPS56524x 3-V to 16-V Input Voltage, 5-A Synchronous Buck Converter in a SOT-5X3 Package
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

XTPS565247DRLR bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button XTPS565247DRLR Datasheet HTML 9Page - Texas Instruments XTPS565247DRLR Datasheet HTML 10Page - Texas Instruments XTPS565247DRLR Datasheet HTML 11Page - Texas Instruments XTPS565247DRLR Datasheet HTML 12Page - Texas Instruments XTPS565247DRLR Datasheet HTML 13Page - Texas Instruments XTPS565247DRLR Datasheet HTML 14Page - Texas Instruments XTPS565247DRLR Datasheet HTML 15Page - Texas Instruments XTPS565247DRLR Datasheet HTML 16Page - Texas Instruments XTPS565247DRLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
time is kept almost the same as it was in continuous conduction mode so that it takes longer time to discharge
the output capacitor with smaller load current to the level of the reference voltage. This makes the switching
frequency lower, proportional to the load current, and keeps the light load efficiency high.
7.4.2 FCCM Mode Control
The TPS565247 operates in forced CCM (FCCM) mode, which keeps the converter operating in continuous
current mode during light load conditions and allows the inductor current to become negative. During FCCM
mode, the switching frequency (FSW) is maintained at an almost constant level over the entire load range, which
is suitable for applications requiring tight control of the switching frequency and output voltage ripple at the cost
of lower efficiency under light load.
www.ti.com
TPS565242, TPS565247
SLUSEN1 – FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS565242 TPS565247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com