công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS28F004AMB90CDCDL bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện TMS28F004AMB90CDCDL
Giải thích chi tiết về linh kiện  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS28F004AMB90CDCDL bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button TMS28F004AMB90CDCDL Datasheet HTML 27Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 28Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 29Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 30Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 31Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 32Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 33Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 34Page - Texas Instruments TMS28F004AMB90CDCDL Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
timing requirements for TMS28F004ASy and TMS28F400ASy
write/erase operations — E-controlled writes
ALT
’28F004ASy60
’28F400ASy 60
’28F004ASy 70
’28F400ASy70
’28F004ASy 80
’28F400ASy80
ALT.
SYMBOL
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
3.3-V VCC
RANGE
5-V VCC
RANGE
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tc( E )
Cycle time, write
tAVAV
110
60
130
70
150
80
ns
tc(E)OP
Cycle time, duration of programming
operation
tEHQV1
6
6
6
6
6
6
µs
tc(E)ERB
Cycle time, erase operation (boot
block)
tEHQV2
0.3
0.3
0.3
0.3
0.3
0.3
s
tc(E)ERP
Cycle time, erase operation
(parameter block)
tEHQV3
0.3
0.3
0.3
0.3
0.3
0.3
s
tc(E)ERM
Cycle time, erase operation (main
block)
tEHQV4
0.6
0.6
0.6
0.6
0.6
0.6
s
td(RPR)
Delay time, boot-block relock
tPHBR
200
100
200
100
200
100
ns
th(A)
Hold time, A0 – A17 (see Note 15)
tEHAX
0
0
0
0
0
0
ns
th(D)
Hold time, DQ valid
tEHDX
0
0
0
0
0
0
ns
th( W )
Hold time, W
tEHWH
0
0
0
0
0
0
ns
th (VPP)
Hold time, VPP from valid
status-register bit
tQVVL
0
0
0
0
0
0
ns
th(RP)
Hold time, RP at VHH from valid
status-register bit
tQVPH
0
0
0
0
0
0
ns
th(WP)
Hold time, WP from valid status
register bit
tWHPL
0
0
0
0
0
0
ns
tsu(WP)
Setup time, WP before write
operation
tELPH
90
50
105
50
120
50
ns
tsu(A)
Setup time, A0 – A17 (see Note 15)
tAVEH
90
50
105
50
120
50
ns
tsu(D)
Setup time, DQ
tDVEH
90
50
105
50
120
50
ns
tsu( W )
Setup time, W before write operation
tWLEL
0
0
0
0
0
0
ns
NOTE 15: A–1 – A17 for byte-wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com